Electronic Components Datasheet Search
  English  ▼

X  

LD7530 Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD7530
Description  Green-Mode PWM Controller with Integrated Protections and Adjustable OLP Delay Time
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7530 Datasheet(HTML) 2 Page - Leadtrend Technology

  LD7530 Datasheet HTML 1Page - Leadtrend Technology LD7530 Datasheet HTML 2Page - Leadtrend Technology LD7530 Datasheet HTML 3Page - Leadtrend Technology LD7530 Datasheet HTML 4Page - Leadtrend Technology LD7530 Datasheet HTML 5Page - Leadtrend Technology LD7530 Datasheet HTML 6Page - Leadtrend Technology LD7530 Datasheet HTML 7Page - Leadtrend Technology LD7530 Datasheet HTML 8Page - Leadtrend Technology LD7530 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LD7530/LD7530A
2
Leadtrend Technology Corporation
LD7530&LD7530A-DS-04 December 2007
Pin Configuration (LD7530)
DIP-8 (TOP VIEW)
SOT-26 (TOP VIEW)
YY,
Y : Year code (D: 2004, E: 2005…..)
WW, W: Week code
P
:
LD75..
(Product family code)
##
:
Production code
12
3
4
5
6
GND COMP
CT
OUT
VCC
CS
WP 30
1
8
2
3
4
7
6
5
TOP MARK
YYWW##
Y The PB free package is identified in
embossed font while green package
in regular font.
Y
Pin Configuration (LD7530A)
DIP-8 (TOP VIEW)
SOT-26 (TOP VIEW)
YY,
Y : Year code (D: 2004, E: 2005…..)
WW, W: Week code
P
:
LD75.. (Product family code)
##
:
Production code
12
3
4
5
6
GND COMP
CT
OUT
VCC
CS
WP 30A
1
8
2
3
4
7
6
5
TOP MARK
YYWW##
Y The PB free package is identified in
embossed font while green package
in regular font.
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com