Electronic Components Datasheet Search
  English  ▼

X  

LD7530 Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD7530
Description  Green-Mode PWM Controller with Integrated Protections and Adjustable OLP Delay Time
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7530 Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD7530 Datasheet HTML 7Page - Leadtrend Technology LD7530 Datasheet HTML 8Page - Leadtrend Technology LD7530 Datasheet HTML 9Page - Leadtrend Technology LD7530 Datasheet HTML 10Page - Leadtrend Technology LD7530 Datasheet HTML 11Page - Leadtrend Technology LD7530 Datasheet HTML 12Page - Leadtrend Technology LD7530 Datasheet HTML 13Page - Leadtrend Technology LD7530 Datasheet HTML 14Page - Leadtrend Technology LD7530 Datasheet HTML 15Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LD7530/LD7530A
11
Leadtrend Technology Corporation
LD7530&LD7530A-DS-04 December 2007
Internal Slope Compensation
In the conventional application, the problem of the stability is
a critical issue for current mode controlling, when it operates
in higher than 50% of the duty-cycle. As UC384X, It takes
slope compensation from injecting the ramp signal of the
RT/CT pin through a coupling capacitor. It therefore requires
no extra design for the LD7530/LD7530A since it has
integrated it already.
On/Off Control
The LD7530/LD7530A can be turned off by pulling COMP
pin lower than 1.2V.
The gate output pin of the
LD7530/LD7530A will be disabled immediately under such
condition. The off-mode can be released when the pull-low
signal is removed.
Dual-Oscillator Green-Mode Operation
There are many different topologies has been implemented
in different chips for the green-mode or power saving
requirements such as “burst-mode control”, “skipping-cycle
mode”, “variable off-time control “…etc. The basic operation
theory of all these approaches intended to reduce the
switching cycles under light-load or no-load condition either
by skipping some switching pulses or reduce the switching
frequency.
What LD7530/LD7530A use to implement the power-saving
operation is Leadtrend Technology’s own IP. By using this
dual-oscillator control, the green-mode frequency can be
well controlled and further to avoid the generation of audible
noise.
OVP (Over Voltage Protection) on Vcc
The VGS ratings of the nowadays power MOSFETs are often
limited up to max. 30V. To prevent the VGS from the fault
condition, LD7530/LD7530A are implemented an OVP
function on Vcc. Whenever the Vcc voltage is higher than
the OVP threshold voltage, the output gate drive circuit will
be shutdown simultaneously thus to stop the switching of
the power MOSFET until the next UVLO(on).
The Vcc OVP function in LD7530/LD7530A is an
auto-recovery type protection.
If the OVP condition,
usually caused by the feedback loop opened, is not
released, the Vcc will tripped the OVP level again and
re-shutdown the output. The Vcc is working as a hiccup
mode. The figure 18 shows its operation.
On the other hand, if the OVP condition is removed, the Vcc
level will get back to normal level and the output will
automatically return to the normal operation.
Fig. 18
Over Load Protection (OLP)
To protect the circuit from being damaged under over load
condition or short condition, a smart OLP function is
implemented in the LD7530/LD7530A. The figure 19 shows
the waveforms of the OLP operation. In this case, the
feedback system will force the voltage loop proceed toward
the saturation and then pull up the voltage on COMP pin
(VCOMP). Whenever the VCOMP trips up to the OLP threshold
5V and stays longer than the OLP delay time, the protection
will activate and then turn off the gate output to stop the
switching of power circuit. The OLP delay time, set by CT
pin, is to prevent the false trigger from the power-on and
turn-off transient. Higher CT value will generate longer OLP
delay time. For the recommended CT value, the OLP delay
time is around 90mS when CT=0.1
μF and will be around
50mS if CT=0.047
μF.
By such protection mechanism, the average input power
can be reduced to very low level so that the component
temperature and stress can be controlled within the safe
operating area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com