Electronic Components Datasheet Search
  English  ▼

X  

LD7530 Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD7530
Description  Green-Mode PWM Controller with Integrated Protections and Adjustable OLP Delay Time
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7530 Datasheet(HTML) 5 Page - Leadtrend Technology

  LD7530 Datasheet HTML 1Page - Leadtrend Technology LD7530 Datasheet HTML 2Page - Leadtrend Technology LD7530 Datasheet HTML 3Page - Leadtrend Technology LD7530 Datasheet HTML 4Page - Leadtrend Technology LD7530 Datasheet HTML 5Page - Leadtrend Technology LD7530 Datasheet HTML 6Page - Leadtrend Technology LD7530 Datasheet HTML 7Page - Leadtrend Technology LD7530 Datasheet HTML 8Page - Leadtrend Technology LD7530 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LD7530/LD7530A
5
Leadtrend Technology Corporation
LD7530&LD7530A-DS-04 December 2007
Absolute Maximum Ratings
Supply Voltage VCC
30V
COMP, CT, CS
-0.3 ~7V
Junction Temperature
150
°C
Operating Ambient Temperature
-40
°C to 85°C
Storage Temperature Range
-65
°C to 150°C
Package Thermal Resistance (SOT-26)
250
°C/W
Package Thermal Resistance (DIP-8)
100
°C/W
Power Dissipation (SOT-26, at Ambient Temperature = 85
°C)
250mW
Power Dissipation (DIP-8, at Ambient Temperature = 85
°C)
650mW
Lead temperature (Soldering, 10sec)
260
°C
ESD Voltage Protection, Human Body Model
2.5 KV
ESD Voltage Protection, Machine Model
250 V
Gate Output Current
300mA
Caution:
Stresses beyond the ratings specified in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only
rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied.
Recommended Operating Conditions
Item
Min.
Max.
Unit
Supply Voltage Vcc (LD7530)
11
25
V
Supply Voltage Vcc (LD7530A)
11
18
V
CT Value
0.047
0.1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com