Electronic Components Datasheet Search
  English  ▼

X  

AAT3129 Datasheet(PDF) 6 Page - Advanced Analog Technology, Inc.

Part # AAT3129
Description  High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3129 Datasheet(HTML) 6 Page - Advanced Analog Technology, Inc.

Back Button AAT3129 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 10Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Typical Characteristics
Line Response
(1X, 1.5X Mode; IISRC = 60mA)
1ms/div
VIN
(1V/div)
VCP
(1V/div)
IISRC
(50mA/div)
VISRC
(1V/div)
3.5V
3.9V
Line Response
(1X Mode; IISRC = 60mA)
1ms/div
VIN
(1V/div)
VCP
(1V/div)
IISRC
(50mA/div)
VISRC
(1V/div)
3.7V
4.2V
Operating Characteristics
(VIN = 3.6V; DR in 1X Mode; DG and DB in 1.5X Mode)
100
μμs/div
CP
(1V/div)
IISRC
(50mA/div)
VISRC
(1V/div)
5.3V
3.5V
Operating Characteristics
(VIN = 3.9V; DR and DG in 1X Mode; DB in 1.5X Mode)
100
μμs/div
CP
(1V/div)
IISRC
(50mA/div)
VISRC
(1V/div)
5.2V
3.8V
Operating Characteristics
(VIN = 4.2V; DR, DB, and DG in 1X Mode)
100
μμs/div
CP
(1V/div)
IISRC
(50mA/div)
VISRC
(1V/div)
4.1V
AAT3129
High Efficiency 1X/1.5X/2X Charge Pump
for RGB Color LED Applications
6
3129.2007.01.1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com