Electronic Components Datasheet Search
  English  ▼

X  

AAT3129 Datasheet(PDF) 9 Page - Advanced Analog Technology, Inc.

Part # AAT3129
Description  High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3129 Datasheet(HTML) 9 Page - Advanced Analog Technology, Inc.

Back Button AAT3129 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 13Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AAT3129
High Efficiency 1X/1.5X/2X Charge Pump
for RGB Color LED Applications
3129.2007.01.1.4
9
Functional Block Diagram
Voltage
Reference
Soft Start
1MHz
Oscillator
1X
1.5X
2X
Charge
Pump
AS2Cwire
Interface
Control
C1-
C2+
C2-
CP
ISRC
DR
DG
DB
GND
EN/SET
VIN
C1+
Functional Description
The AAT3129 is a tri-mode load switch (1X) and
high efficiency (1.5X or 2X) charge pump device
intended for fashion color LED lighting applications.
To maximize power conversion efficiency, an inter-
nal sensing circuit monitors the voltage required on
the constant current source output and sets the
load switch and charge pump modes based on the
input battery voltage and the current source output
voltage. As the battery discharges over time, the
AAT3129 charge pump is enabled when the current
source output nears dropout. The charge pump ini-
tially starts in 1.5X mode. If the charge pump out-
put drops enough for the current source output to
become close to dropout, the charge pump will
automatically transition to 2X mode.
The AAT3129 requires only four external compo-
nents: two 1μF ceramic capacitors for the charge
pump flying capacitors (C1 and C2), one 1μF
ceramic input capacitor (CIN), and one 0.33μF to
1μF ceramic output capacitor (CP).
The color and brightness of an RGB color LED is
maintained by PWM signals, which are pro-
grammed via the AS2Cwire interface. The control
block generates three gate drive PWM signals for
the N-channel MOSFET switches. Please refer to
the interface description and timing in the following
section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com