Electronic Components Datasheet Search
  English  ▼

X  

AAT3129 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT3129
Description  High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3129 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT3129 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AAT3129
High Efficiency 1X/1.5X/2X Charge Pump
for RGB Color LED Applications
3129.2007.01.1.4
1
ChargePump™
General Description
The AAT3129 is a high efficiency charge pump
DC/DC converter with tri-mode load switch (1X)
fractional (1.5X) and doubling (2X) conversion for
color LED applications. A single current source out-
put provides a regulated current to drive R, G, and
B LEDs via three internal switches. With a simple
single wire serial bus, the RGB module can be eas-
ily controlled to display 4096 colors.
AnalogicTech's Advanced Simple Serial Control™
(AS2Cwire™) serial digital input is used to enable,
disable, and set the duty cycle of each internal
MOSFET switch. Low external parts count (two
1μF flying capacitors and two small bypass capac-
itors at VIN and OUT) makes the AAT3129 ideally
suited for small battery-powered applications.
The AAT3129 has a thermal management system
to protect the device in the event of a short-circuit
condition on any of the output pins. Built-in soft-
start circuitry prevents excessive inrush current
during start-up. High switching frequency enables
the use of small external capacitors. A low current
shutdown feature disconnects the load from VIN
and reduces quiescent current to less than 1μA.
The AAT3129 is available in a Pb-free, 12-pin
TSOPJW package.
Features
•VIN Range: 2.7V to 5.5V
•
Common Anode RGB LED Control
•
4096 Color with Single Wire Digital Control
•
40mA to 180mA Fixed Current Source
•AS2Cwire Digital Brightness Control
•
Low Noise Constant Frequency Operation
•
Small Application Circuit
•
Regulated Output Current
•
No Inductors
•
1MHz Switching Frequency
•IQ <1μA in Shutdown
•
12-Pin TSOPJW Package
Applications
•
Fashion RGBs
•
Mobile Handsets
•
MP3 Players
•
PDAs
•
Portable Devices
•
RGB Color LEDs
•
RGB Photo Flash
•
Smart Phones
Typical Application
C
IN
1
μF
V
BAT
C
CP
1
μF
C1
1
μF
C2
1
μF
VIN
CP
C1+
C1-
C2+
C2-
DR
DG
DB
EN/SET
EN/SET
GND
AAT3129
G
R
B
ISRC


Similar Part No. - AAT3129

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3129 ANALOGICTECH-AAT3129 Datasheet
302Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
AAT3129 ANALOGICTECH-AAT3129 Datasheet
460Kb / 15P
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
logo
Skyworks Solutions Inc.
AAT3129 SKYWORKS-AAT3129 Datasheet
1Mb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
February 21, 2013
logo
Advanced Analogic Techn...
AAT3129ITP-60-T1 ANALOGICTECH-AAT3129ITP-60-T1 Datasheet
302Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
AAT3129ITP-60-T1 ANALOGICTECH-AAT3129ITP-60-T1 Datasheet
460Kb / 15P
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
More results

Similar Description - AAT3129

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3129 ANALOGICTECH-AAT3129 Datasheet
302Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3140.2007.03.1.3
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3142.2007.03.1.2
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3169.2006.08.1.2
logo
Advanced Analogic Techn...
AAT3129 ANALOGICTECH-AAT3129_07 Datasheet
460Kb / 15P
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com