Electronic Components Datasheet Search
  English  ▼

X  

AAT3142 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part # AAT3142
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3142 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

  AAT3142 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Pin Descriptions
Pin Configuration
TSOPJW-12
(Top View)
Pin #
Symbol
Function
1
C2+
Flying capacitor 2 positive terminal. Connect a 1µF capacitor between C2+
and C2-.
2
CP
Charge pump output. Requires 1µF capacitor connected between this pin and
ground.
3
C1-
Flying capacitor 1 negative terminal.
4
C1+
Flying capacitor 1 positive terminal. Connect a 1µF capacitor between C1+
and C1-.
5
D3
Current source output #3.
6
D2
Current source output #2.
7
GND
Ground pin; must be connected to Pin 11.
8
D1
Current source output #1.
9
EN/SET
S
2Cwire serial interface control pin.
10
IN
Input power supply. Requires 1µF capacitor connected between this pin and
ground.
11
GND
Ground pin; must be connected to Pin 7.
12
C2-
Flying capacitor 2 negative terminal.
1
2
3
4
5
6
12
11
10
9
8
7
C2+
CP
C1-
C1+
D3
D2
C2-
GND
IN
EN/SET
D1
GND
AAT3142
High Efficiency 1X/1.5X/2X Charge Pump
for White LED Applications
2
3142.2007.03.1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com