Electronic Components Datasheet Search
  English  ▼

X  

AAT3142 Datasheet(PDF) 15 Page - Advanced Analog Technology, Inc.

Part # AAT3142
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3142 Datasheet(HTML) 15 Page - Advanced Analog Technology, Inc.

Back Button AAT3142 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 15Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 16Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AAT3142
High Efficiency 1X/1.5X/2X Charge Pump
for White LED Applications
3142.2007.03.1.2
15
Ordering Information
Package Information
TSOPJW-12
All dimensions in millimeters.
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means
semiconductor products that are in compliance with current RoHS standards, including
the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more
information, please visit our website at http://www.analogictech.com/pbfree.
0.20
+ 0.10
- 0.05
0.055
± 0.045
0.45
± 0.15
7
° NOM
4
° ± 4°
3.00
± 0.10
0.50 BSC 0.50 BSC 0.50 BSC 0.50 BSC 0.50 BSC
0.04 REF
0.010
2.75
± 0.25
Package
Marking
1
Part Number (Tape and Reel)
2
TSOPJW-12
PJXYY
AAT3142ITP-T1
1. XYY = assembly and date code.
2. Sample stock is generally held on part numbers listed in BOLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com