Electronic Components Datasheet Search
  English  ▼

X  

AAT3142 Datasheet(PDF) 6 Page - Advanced Analog Technology, Inc.

Part # AAT3142
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3142 Datasheet(HTML) 6 Page - Advanced Analog Technology, Inc.

Back Button AAT3142 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3142 Datasheet HTML 10Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Typical Characteristics
V
IN = 3.5V, CIN = CCP = C1 = C2 = 1µF, TA = 25°C, unless otherwise noted.
Turn-Off from Full-Scale 2X Mode
Time (200µs/div)
EN/SET
(2V/div)
VDIODE
(2V/div)
IIN
(200mA/div)
Turn-On to 1.5X Mode
(3x19mA Load)
Time (100µs/div)
EN/SET
(2V/div)
VCP
(4V/div)
VDIODE
(2V/div)
IIN
(100mA/div)
Turn-On to 1.5X Mode
(3x30mA Load)
Time (100µs/div)
EN/SET
(2V/div)
VCP
(4V/div)
VDIODE
(2V/div)
IIN
(100mA/div)
Turn-On to 1X Mode
(3x19mA Load)
Time (100µs/div)
EN/SET
(2V/div)
VCP
(4V/div)
VDIODE
(2V/div)
IIN
(100mA/div)
Turn-On to 1X Mode
(3x30mA Load)
Time (100µs/div)
EN/SET
(2V/div)
VCP
(4V/div)
VDIODE
(2V/div)
IIN
(100mA/div)
AAT3142
High Efficiency 1X/1.5X/2X Charge Pump
for White LED Applications
6
3142.2007.03.1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com