Electronic Components Datasheet Search
  English  ▼

X  

AAT3697 Datasheet(PDF) 13 Page - Advanced Analogic Technologies

Part # AAT3697
Description  2A Lithium-Ion/Polymer Battery Charger
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3697 Datasheet(HTML) 13 Page - Advanced Analogic Technologies

Back Button AAT3697 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 15Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 16Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 17Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AAT3697
2A Lithium-Ion/Polymer Battery Charger
3697.2007.02.1.1
13
Protection Circuitry
Programmable Watchdog Timer
The AAT3697 contains a watchdog timing circuit to
shut down charging functions in the event of a defec-
tive battery cell not accepting a charge over a preset
period of time. Typically, a 0.1μF ceramic capacitor
is connected between the CT pin and ground. When
a 0.1μF ceramic capacitor is used, the device will
time out a shutdown condition if the trickle charge
mode exceeds 25 minutes and a combined trickle
charge plus fast charge mode of 3 hours. When the
device transitions to the constant voltage mode, the
timing counter is reset and will time out after an addi-
tional 3 hours if the charge current does not drop to
the charge termination level.
Table 2: Summary for a 0.1μF Ceramic
Capacitor Used for the Timing Capacitor.
The CT pin is driven by a constant current source
and will provide a linear response to increases in the
timing capacitor value. Thus, if the timing capacitor
were to be doubled from the nominal 0.1μF value,
the time-out periods would be doubled.
If the programmable watchdog timer function is not
needed, it can be disabled by terminating the CT
pin to ground. The CT pin should not be left float-
ing or un-terminated, as this will cause errors in the
internal timing control circuit.
The constant current provided to charge the timing
capacitor is very small, and this pin is susceptible
to noise and changes in capacitance value.
Therefore, the timing capacitor should be physical-
ly located on the printed circuit board layout as
close as possible to the CT pin. Since the accura-
cy of the internal timer is dominated by the capaci-
tance value, a 10% tolerance or better ceramic
capacitor is recommended.
Ceramic capacitor
materials, such as X7R and X5R types, are a good
choice for this application.
Over-Voltage Protection
An over-voltage event is defined as a condition
where the voltage on the BAT pin exceeds the
maximum battery charge voltage and is set by the
over-voltage protection threshold (VOVP). If an
over-voltage condition occurs, the AAT3697 charge
control will shut down the device until the voltage
on the BAT pin drops below VOVP. The AAT3697
will resume normal charging operation after the
over-voltage condition is removed. During an over-
voltage event, the STAT LEDs will report a system
fault, and the actual fault condition can be read via
the DATA pin signal.
Over-Temperature Shutdown
The AAT3697 has a thermal protection control cir-
cuit which will shut down charging functions should
the internal die temperature exceed the preset
thermal limit threshold.
Battery Temperature Fault Monitoring
In the event of a battery over-temperature condi-
tion, the charge control will turn off the internal pass
device and report a battery temperature fault on the
DATA pin function. The STAT LEDs will also dis-
play a system fault. After the system recovers from
a temperature fault, the device will resume charg-
ing operation.
The AAT3697 checks battery temperature before
starting the charge cycle, as well as during all
stages of charging. This is accomplished by mon-
itoring the voltage at the TS pin. Either a negative
temperature coefficient thermistor (NTC) or posi-
tive temperature coefficient thermistor (PTC) can
be used because the AAT3697 checks to see that
the voltage at TS is within a voltage window bound-
ed by VTS1 and VTS2. Please see the equations
below for specifying resistors:
RT1 and RT2 for use with NTC Thermistor
Eq. 2:
5
⋅ RTH ⋅ RTC
3
⋅ (RTC - RTH)
5
⋅ RTH ⋅ RTC
(2
⋅ RTC) - (7 ⋅ RTH)
R
T1 =
R
T2 =
Mode
Time
Trickle Charge (TC) Time Out
25 minutes
Trickle Charge (TC) +
3 hours
Fast Charge (CC) Time Out
Constant Voltage (VC) Mode
3 hours
Time Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com