Electronic Components Datasheet Search
  English  ▼

X  

AAT3697 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3697
Description  2A Lithium-Ion/Polymer Battery Charger
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3697 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3697 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
AAT3697
2A Lithium-Ion/Polymer Battery Charger
3697.2007.02.1.1
11
System Operation Flow Chart
Yes
Yes
Yes
Yes
Yes
Yes
Yes
No
No
No
No
No
No
No
No
No
Set
Enable
Timing
Expire
TERM
BAT_EOC
Yes
ADP
Application Information
Adapter Power Input
Constant current charge levels up to 2.0A may be
programmed by the user when powered from a suf-
ficient input power source. The AAT3697 will oper-
ate from the adapter input over a 4.0V to 5.5V
range.
The constant current fast charge current for the
adapter input is set by the RSET resistor connected
between the ADPSET pin and ground. Refer to
Table 1 for recommended RSET values for a desired
constant current charge level. The presence of volt-
age on the adapter input is indicated by the ADPP#
pin function. This indicator pin uses an internal open
drain device that will pull the ADPP# pin low when
voltage is detected on the ADP pin. The precise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com