Electronic Components Datasheet Search
  English  ▼

X  

AAT3697 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT3697
Description  2A Lithium-Ion/Polymer Battery Charger
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3697 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT3697 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Electrical Characteristics1
VADP = 5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max Units
Operation
ADP
Adapter Voltage Range
4.0
5.5
V
VADPP
Adapter Present Threshold Voltage
3.0
V
VUVLO
Under-Voltage Lockout (UVLO)
Rising Edge
3.0
V
UVLO Hysteresis
150
mV
IOP
Operating Current
Charge Current = 100mA
0.3
1.5
mA
ISLEEP
Sleep Mode Current
VBAT = 4.25V
0.3
1.0
μA
ILeakage
Reverse Leakage Current from
VBAT = 4V, ADP Pin Open
1.0
μA
BAT Pin
Voltage Regulation
VBAT_EOC1
End of Charge Voltage Accuracy
4.158
4.20
4.242
V
ΔVCH/VCH Output Charge Voltage Tolerance
0.5
%
VMIN
Preconditioning Voltage Threshold
2.8
3.0
3.15
V
VRCH
Battery Recharge Voltage Threshold
VBAT_EOC - 0.1
V
Current Regulation
ICH
Charge Current
100
2000
mA
ΔICH/ICH
Charge Current Regulation Tolerance
10
%
VADPSET
ADPSET Pin Voltage
CC Mode
2.0
V
KIA
Current Set Factor: ICH/IADPSET
4000
Charging Devices
RDS(ON)
Adapter Charging Transistor
VIN = 5.5V
0.2
0.25
0.35
Ω
On Resistance
AAT3697
2A Lithium-Ion/Polymer Battery Charger
4
3697.2007.02.1.1
1. The AAT3697 output charge voltage is specified over the 0° to 70°C ambient temperature range; operation over the -40°C to +85°C
temperature range is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com