Electronic Components Datasheet Search
  English  ▼

X  

AAT4280 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part # AAT4280
Description  Slew Rate Controlled Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4280 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

  AAT4280 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Pin Descriptions
Pin Configuration
SOT23-6
(Top View)
SC70JW-8
(Top View)
Selector Guide
Slew Rate
Active
Part Number
(typ)
Pull Down
Enable
AAT4280-1
1ms
Active High
AAT4280-2
0.5µs
Active High
AAT4280-3
100µs
√
Active High
OUT
ON/OFF
GND
IN
IN
IN
IN
IN 1
2
3
45
6
7
8
GND
IN
GND
IN
ON/OFF
OUT 1
2
3
4
5
6
Pin #
SOT23-6
SC70JW-8
Symbol
Function
1
2
OUT
This pin is the P-channel MOSFET drain connection.
Bypass to ground through a 0.1µF capacitor.
2, 5
4
GND
Ground connection.
3
3
ON/OFF
Enable input.
4, 6
1, 5, 6, 7, 8
IN
This pin is the input to the P-channel MOSFET source.
Bypass to ground through a 1.0µF capacitor.
AAT4280
Slew Rate Controlled Load Switch
2
4280.2006.11.1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com