Electronic Components Datasheet Search
  English  ▼

X  

AAT4280 Datasheet(PDF) 12 Page - Advanced Analog Technology, Inc.

Part # AAT4280
Description  Slew Rate Controlled Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4280 Datasheet(HTML) 12 Page - Advanced Analog Technology, Inc.

Back Button AAT4280 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 14Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Figure 1: Evaluation Board
Figure 2: Evaluation Board
Figure 3: Evaluation Board
Top Side Silk Screen Layout /
Component Side Layout.
Solder Side Layout.
Assembly Drawing.
AAT4280
Slew Rate Controlled Load Switch
12
4280.2006.11.1.4
Printed Circuit Board Layout
Recommendations
For proper thermal management and to take
advantage of the low RDS(ON) of the AAT4280, a few
circuit board layout rules should be followed: VIN
and VOUT should be routed using wider than normal
traces, and GND should be connected to a ground
plane. To maximize package thermal dispation and
power handling capacity of the AAT4280 SOT23-6/
SC70JW-8 package, the ground plane area con-
nected to the ground pins should be made as large
as possible. For best performance, CIN and COUT
should be placed close to the package pins.
Evaluation Board Layout
The AAT4280 evaluation layout follows the printed
circuit board layout recommendations, and can be
used for good applications layout. Refer to Figures 1
through 3.
Note: Board layout shown is not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com