Electronic Components Datasheet Search
  English  ▼

X  

AAT4280 Datasheet(PDF) 5 Page - Advanced Analog Technology, Inc.

Part # AAT4280
Description  Slew Rate Controlled Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4280 Datasheet(HTML) 5 Page - Advanced Analog Technology, Inc.

  AAT4280 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4280 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25°C.
Off-Switch Current vs. Temperature
0.001
0.010
0.100
1.000
-40
-20
0
20
40
60
80
100
Temperature (
°C)
ON/OFF Threshold vs. Input Voltage
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
VIH
VIL
R
DS(ON) vs. Temperature
40
50
60
70
80
90
100
110
120
-40
-20
0
20
40
60
80
100
Temperature (
°C)
VIN = 5V
VIN = 3V
R
DS(ON) vs. Input Voltage
70
90
110
130
150
170
190
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
2A
1A
500mA
100mA
Quiescent Current vs. Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1
23456
Input Voltage (V)
Quiescent Current vs. Temperature
0
1
2
3
4
-40
-20
0
20
40
60
80
100
Temperature (
°C)
VIN = 5V
VIN = 3V
AAT4280
Slew Rate Controlled Load Switch
4280.2006.11.1.4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com