Electronic Components Datasheet Search
  English  ▼

X  

RK816 Datasheet(PDF) 33 Page - Rockchip Electronics Co., Ltd

Part # RK816
Description  Input range: 3.8V ~ 5.5V for USB input 2.7V~4.5V for BAT input
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK816 Datasheet(HTML) 33 Page - Rockchip Electronics Co., Ltd

Back Button RK816 Datasheet HTML 29Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 30Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 31Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 32Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 33Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 34Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 35Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 36Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 37Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
RK816 Datasheet
Rev 1.3
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
33
HEX
ADDRESS
FUNCTION DESCRIPTION
R/W
DEFAULT
27
LDO_EN_REG1
RW
Boot0:0x06
Boot1:0000/otp<3:0>
28
LDO_EN_REG2
RW
Boot0:0x03
Boot1:0000/otp<3:0>
BUCK AND LDO CONFIG REGISTER
2E
BUCK1_CONFIG_REG
RW
0x7A
2F
BUCK1_ON_VSEL_REG
RW
Boot0:0x1F
Boot1:00/otp<5:0>
30
BUCK1_SLP_VSEL_REG
RW
Boot0:0x1F
Boot1:00/otp<5:0>
32
BUCK2_CONFIG_REG
RW
0x7A
33
BUCK2_ON_VSEL_REG
RW
Boot0:0x1F
Boot1:00/otp<5:0>
34
BUCK2_SLP_VSEL_REG
RW
Boot0:0x1F
Boot1:00/otp<5:0>
36
BUCK3_CONFIG_REG
RW
0x2A
37
BUCK4_CONFIG_REG
RW
0x2A
38
BUCK4_ON_VSEL_REG
RW
Boot0:0x19
Boot1:000/otp<4:0>
39
BUCK4_SLP_VSEL_REG
RW
Boot0:0x19
Boot1:000/otp<4:0>
3B
LDO1_ON_VSEL_REG
RW
Boot0:0x22
Boot1:001/otp<4:0>
3C
LDO1_SLP_VSEL_REG
RW
Boot0:0x02
Boot1:000/otp<4:0>
3D
LDO2_ON_VSEL_REG
RW
Boot0:0x2A
Boot1:001/otp<4:0>
3E
LDO2_SLP_VSEL_REG
RW
Boot0:0x0A
Boot1:000/otp<4:0>
3F
LDO3_ON_VSEL_REG
RW
Boot0:0x23
Boot1:001/otp<4:0>
40
LDO3_SLP_VSEL_REG
RW
Boot0:0x03
Boot1:000/otp<4:0>
41
LDO4_ON_VSEL_REG
RW
Boot0:0x22
Boot1:001/otp<4:0>
42
LDO4_SLP_VSEL_REG
RW
Boot0:0x02
Boot1:000/otp<4:0>
43
LDO5_ON_VSEL_REG
RW
Boot0:0x36
Boot1:001/otp<4:0>
44
LDO5_SLP_VSEL_REG
RW
Boot0:0x16
Boot1:000/otp<4:0>
45
LDO6_ON_VSEL_REG
RW
Boot0:0x36
Boot1:001/otp<4:0>
46
LDO6_SLP_VSEL_REG
RW
Boot0:0x16
Boot1:000/otp<4:0>
INTERRUPT REGISTER
49
INT_STS_REG1
RW
0x00
4A
INT_STS_MSK_REG1
RW
0x00
4C
INT_STS_REG2
RW
0x00
4D
INT_STS_MSK_REG2
RW
0x00
4E
INT_STS_REG3
RW
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com