Electronic Components Datasheet Search
  English  ▼

X  

RK816 Datasheet(PDF) 60 Page - Rockchip Electronics Co., Ltd

Part # RK816
Description  Input range: 3.8V ~ 5.5V for USB input 2.7V~4.5V for BAT input
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK816 Datasheet(HTML) 60 Page - Rockchip Electronics Co., Ltd

Back Button RK816 Datasheet HTML 56Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 57Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 58Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 59Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 60Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 61Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 62Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 63Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 64Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
RK816 Datasheet
Rev 1.3
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
60
Bit 1
Bit 0
1: enable BUCK1 and BUCK2 work in parallel, 0: disable
BUCK_SLP_LP_EN:
1: enable BUCK work in low power mode in sleep mode, 0: disable
LDO_SLP_LP_EN:
1: enable LDO work in low power mode in sleep mode, 0: disable
CHRG_CONFIG_REG (REG[2B]): CHARGER CONFIG REGISTER
ADDRESS: 2BH
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RESV
CHRG_P
HASE
RESV
CHRG_ILMAX
/BOOST_IMAX
CHRG_ILMIN
DEFAULT
0
0
1
0
1
0
1
0
Description
Bit 7
RESV: Reserved
Bit 6
Bit 5
CHRG_PHASE:
0: normal, 1: reverse
RESV: Reserved
Bit 3-2
CHRG_ILMAX: charger maximum inductor’s peak current limit
00: 2A, 01:2.5A, 10: 3A, 11: 3.5A
BOOST_IMAX: BOOST maximum peak current limit
00:2.5A, 01:3A, 10:4A, 11:5A
Bit 1-0
CHRG_ILMIN: charger minimum inductor’s peak current
000: 200mA, 001:300mA, 010: 400mA, 011: 500mA
100: 650mA, 101:750mA, 110: 850mA, 111: 950mA
BOOST_CON_REG(REG[52]): BOOST CONTROL REGISTER
ADDRESS: 52H
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RESV
CHG_
ILMI
N_EN
B
BST_CL
AMPLO_
EN
RESV
DEFAULT
0
0
0
0
0
0
0
0
Description
Bit 7-6
Bit 5
RESV: Reserved
CHG_ILMIN_ENB: Charger ILMIN Enable
0:Disable ILMIN; 1:Disable ILMIN (It must be disable)
Bit 4
Bit 3-0
BST_CLAMPLO_EN: BOOST Clamp Enable
1: Enable clamp(it must be enable); 0:Disable clamp
RESV: Reserved
BOOST_ON_VSEL_REG (REG[54]): BOOST ON REGISTER
ADDRESS: 54H
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
BOOST_ON_VSEL
RESV
BST_IR_L
OOP_EN
BST_BU
RST_EN
DEFAULT
0
1
1
1
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com