Electronic Components Datasheet Search
  English  ▼

X  

RK816 Datasheet(PDF) 49 Page - Rockchip Electronics Co., Ltd

Part # RK816
Description  Input range: 3.8V ~ 5.5V for USB input 2.7V~4.5V for BAT input
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK816 Datasheet(HTML) 49 Page - Rockchip Electronics Co., Ltd

Back Button RK816 Datasheet HTML 45Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 46Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 47Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 48Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 49Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 50Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 51Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 52Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 53Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
RK816 Datasheet
Rev 1.3
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
49
00: 2.5A, 01: 3A, 10: 3.5A, 11: 4A
Bit 5
BUCK2_DISCHRG_EN: BUCK2 discharge resistor enable bit when shut
down
0: disable discharge resistor when shut down
1: enable discharge resistor when shut down
Bit 4-3
BUCK2_RATE: BUCK2 voltage change rate when DVS
00: 3mV/uS, 01: 6mV/uS, 10: 12.5mV/uS, 11: 25mV/uS
Bit 2-0
BUCK2_ILMIN: BUCK2 minimum inductor’s peak current
000: 150mA, 001: 200mA, 010: 250mA, 011: 300mA
100: 340mA, 101: 380mA, 110: 420mA, 111: 460mA
BUCK2_ON_VSEL_REG (REG[33]): BUCK2 ON REGISTER
ADDRESS: 33H
TYPE: RW
Bit
Bit7
Bit6
Bit5 Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
BUCK2_O
N_FPWM
BUCK2_P
HASE
BUCK2_ON_VSEL
DEFAULT
0
0
Boot0:011111;Boot1:OTP
Description
Bit 7
BUCK2_ON_FPWM:
1: force PWM mode in active mode
0: PWM/PFM auto change mode(default)
Bit 6
BUCK2_PHASE:
0: normal, 1: inverted
Bit 5-0
BUCK2_ON_VSEL:
BUCK2
active
mode
voltage,
0.7125V~1.45V,
step=12.5mV
000 000: 0.7125V
000 001: 0.725V
……
111 011: 1.45V
111 100: 1.8V
111 101: 2.0V
111 110: 2.2V
111 111: 2.3V
BUCK2_SLP_VSEL_REG (REG[34]): BUCK2 SLEEP REGISTER
ADDRESS: 34H
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
BUCK2_S
LP_FPWM
RESV
BUCK2_SLP_VSEL
DEFAULT
0
0
Boot0:011111;Boot1:OTP
Description
Bit 7
BUCK2_SLP_FPWM:
1: force PWM mode in sleep mode
0: PWM/PFM auto change mode(default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com