Electronic Components Datasheet Search
  English  ▼

X  

RV1108 Datasheet(PDF) 39 Page - Rockchip Electronics Co., Ltd

Part # RV1108
Description  Single-core ARM Cortex-A7 Core processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RV1108 Datasheet(HTML) 39 Page - Rockchip Electronics Co., Ltd

Back Button RV1108 Datasheet HTML 35Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 36Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 37Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 38Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 39Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 40Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 41Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 42Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 43Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
RV1108 Datasheet
Rev 1.4
Copyright ©2018 Fuzhou Rockchip Electronics Co., Ltd.
39
Group
Ball#
Descriptions
GND
A1,A4,A9
B8,B17,B19
C4,C6,C7,C11
D2,D14,D16
E1,E5,E9,
F2,F10
G3,G7,G10,G11,G12,G13,G14
H7,H8,H9,H10,H11,H12,H13,H14,H15
J5,J8,J9,J10,J11,J12,J13,J14
K1,K3,K7,K8,K9,K10,K11,K12,K13,K14,K15
L5,L7,L8,L9,L10,L11,L12,L13,L14
M7,M8,M9,M10,M11,M12,M13,M14,M15,M16
N2,N7,N8,N9,N10,N11,N12,N13,N14
P3,P8,P9,P10,P11,P12,P13,P14
R9,R10,R11,R12,R13,R14,R15
T14,V4,V6,V8,V10,V13,V15,V17,W19,Y2
Internal Core Ground
Digital IO Ground
CODEC_AVSS
E15
Analog Codec Ground
PLL_AVDD_1V8
N6
PLL IO Power
PLL_AVDD_1V0
M6
General PLL Analog Power
CORE_VDD
G8,G9,J15,G15,N15,L15,J7,R7
ARM Core Power
PMU_DVDD_1V0
R6
PMU IO Domain(PowerDomain) Power
PMUIO_VDD
R8
PMU IO Power
APIO1_VDD
H16
APIO1 PowerDomain Power
APIO2_VDD
T16
APIO2 PowerDomain Power
APIO3_VDD
F14
APIO3 PowerDomain Power
APIO5_VDD
P16
APIO5 PowerDomain Power
APIO6_VDD
K16
APIO6 PowerDomain Power
DDR_VDD
J6,H6,G6,E10,F7,F8,F9
DDR PHY Power
USB_VDD_1V0
T12
USB OTG2.0/Host2.0 Digital Power
USB_AVDD_1V8
T10
USB OTG2.0/Host2.0 Analog Power
USB_AVDD_3V3
T11
USB OTG2.0/Host2.0 Analog Power
MIPI_CSI_AVDD_1V0
U13
MIPI_CSI PHY
Analog Power
MIPI_DSI_AVDD_1V0
V7
MIPI_DSI PHY
Analog Power
MIPI_DSI_AVDD_1V8
U8
MIPI_DSI PHY
Analog Power
MIPI_DSI _AVDD_3V3
U9
MIPI_DSI PHY
Analog Power
HDMI_AVDD_1V8
V3
HDMI PHY
Analog Power
HDMI_AVDD_1V0
V5
HDMI PHY
Analog Power
SADC_AVDD_1V8
B11
SADC Analog Power
CODEC_AVDD_1V8
D15
Audio Codec Analog Power
VDAC_AVDD_1V8
U7
VDAC Analog Power
VIDEO_AVDD_1V0
E14
VIDEO Analog Power
VIDEO_AVDD_1V8
C14
VIDEO Analog Power
Table 2-4 RV1108G Power/Ground IO information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com