Electronic Components Datasheet Search
  English  ▼

X  

RV1108 Datasheet(PDF) 64 Page - Rockchip Electronics Co., Ltd

Part # RV1108
Description  Single-core ARM Cortex-A7 Core processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RV1108 Datasheet(HTML) 64 Page - Rockchip Electronics Co., Ltd

Back Button RV1108 Datasheet HTML 60Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 61Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 62Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 63Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 64Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 65Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 66Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 67Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 68Page - Rockchip Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
RV1108 Datasheet
Rev 1.4
Copyright ©2018 Fuzhou Rockchip Electronics Co., Ltd.
64
3.12 Electrical Characteristics for MIPI DSI
Table 3-11 RV1108 Electrical Characteristics for MIPI DSI
Parameters
Symbol
Test condition
Min
Typ
Max
Units
HS TX static common-mode
Vcmtx
150
200
250
mV
Vcmtx mismatch when output is
Differential-1 or Differential-0
ΔVcmtx(1,0)
5
mV
HS Transmit differential voltage
Vod
140
200
270
mV
Vod mismatch when output is
Differential-1 or Differential-0
ΔVod
10
mV
HS output high voltage
Vohhs
360
mV
Single ended output impedance
Zos
40
50
62.5
Ohm
Single ended output impedance
mismacth
ΔZos
10
%
The venin output high level
Voh
0.9
1
1.1
V
The venin output low level
Vol
-50
50
mV
Output impedance of LP
Zolp
110
Ω
High-level output voltage
Voh
3
3.3
V
Low-level output voltage
Vol
0
0.2
V
Output impedance
Zolp
40
460
Ω
Common-mode variations above
450 MHz
ΔVcmtx(HF)
15
mVrms
Common-mode variations between
50MHz – 450MHz
ΔVcmtx(LF)
mVpeak
20%-80% rise time and fall time
Tr and Tf
0.3
UI
150
ps
Maximum data rate
Dmax
200
Mbit/s
15%-85% rise time and fall time
Trlp/Tflp
1
1.5
2
ns
Slew rate, transition region
SR
20
27
30
V/ns
3.13 Electrical Characteristics for MIPI CSI
Table 3-12 RV1108 Electrical Characteristics for MIPI CSI
Parameters
Symbol
Test condition
Min
Typ
Max
Units
Common-mode voltage HS receive
mode
Vcmrx(dc)
70
300
mV
Differential input high threshold
Vidth
70
mV
Differential input low threshold
Vidtl
-70
mV
Single-ended input high voltage
Vihhs
460
mV
Single-ended input low voltage
Vilhs
-40
mV
Single-ended
threshold
for
HS
termination enable
Vterm-en
450
mV
Differential input impedance
Zid
80
100
125
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com