Electronic Components Datasheet Search
  English  ▼

X  

RV1108 Datasheet(PDF) 52 Page - Rockchip Electronics Co., Ltd

Part # RV1108
Description  Single-core ARM Cortex-A7 Core processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RV1108 Datasheet(HTML) 52 Page - Rockchip Electronics Co., Ltd

Back Button RV1108 Datasheet HTML 48Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 49Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 50Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 51Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 52Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 53Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 54Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 55Page - Rockchip Electronics Co., Ltd RV1108 Datasheet HTML 56Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
RV1108 Datasheet
Rev 1.4
Copyright ©2018 Fuzhou Rockchip Electronics Co., Ltd.
52
Interface
Pin Name
Direction
Description
DDR_Dmi(i=0,1)
O
Active-low data mask signal to the memory
device.
DDR_DQS0/1
I/O
Active-high bidirectional data strobes to the
memory device.
DDR_DQS0n/1n
I/O
Active-low bidirectional data strobes to the
memory device.
DDR_Dqi(i=0~15)
I/O
Bidirectional data line to the memory device.
2.8.7 NAND FLASH
Interface
Pin Name
Direction
Description
NAND
FLASH_ALE
O
Flash address latch enable signal
FLASH_CLE
O
Flash command latch enable signal
FLASH_WRN
O
Flash write enable and clock signal
FLASH_RDN
O
Flash read enable and write/read signal
FLASH_RDY
I
Flash ready/busy signal
FLASH_Csi(i=0,1)
O
Flash chip enable signal for chip
FLASH_WP
O
Flash write-protected signal
FLASH_DATAi(i=0~7)
I/O
Flash data inputs/outputs signal
2.8.8 SPI FLASH
Interface
Pin Name
Direction
Description
SPI Flash
SFC_SIO_IO0
I/O
Data Input Output 0
SFC_SIO_IO1
I/O
Data Input Output 1
SFC_WP_IO2
I/O
Write Protect Output (Data Input Output 2)
SFC_HOLD_IO3
I/O
Hold t Input (Data Input Output 3)
SFC_CSN0
O
Chip Select
SFC_CLK
O
Serial Clock Output
2.8.9 PCM
Interface
Pin Name
Direction
Description
PCM
PCM_OUT
O
PCM serial data output
PCM_IN
I
PCM serial data input
PCM_CLK
O
PCM clock source
PCM_SYNC
I/O
PCM serial data synchronous
2.8.10 I2S
Interface
Pin Name
Direction
Description
I2S
Controller
I2S_SCLK
I/O
I2S serial clock
I2S_MCLK
O
I2S clock source
I2S_LRCLKTX
I/O
I2S
left
&
right
channel
signal
for
transmitting serial data, synchronous left & right
channel in I2S mode
I2S_SDIOi(i=0~3)
O
I2S serial data output
I2S_LRCLKRX
I/O
I2S left & right channel signal for receiving
serial data, synchronous left & right channel in
I2S mode
I2S_SDI
I/O
I2S serial data input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com