Electronic Components Datasheet Search
  English  ▼

X  

BBF2805SH Datasheet(PDF) 5 Page - M.S. Kennedy Corporation

Part # BBF2805SH
Description  20W DC-DC CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

BBF2805SH Datasheet(HTML) 5 Page - M.S. Kennedy Corporation

  BBF2805SH Datasheet HTML 1Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 2Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 3Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 4Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 5Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 6Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 7Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 8Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 9Page - M.S. Kennedy Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IOUT=0.95A to/from 1.9A
Transition TIme=30µS
IOUT=0.95A to/from 1.9A
Transition TIme=30µS
VIN=16V to/from 40V
Transition Time=30µS
VIN=16V to/from 40V
Transition Time=30µS
POUT=22.8W MAX.
Disabled IOUT=0mA
No Effect on DC Performance
Input to output or any pin to case @ 500V
RPOT=50K
Ω
16V
≤VIN≤40V
BW=10KHz to 2MHz
BW=10KHz to 2MHz
VIN=16V to 40V
IOUT=0.19A to 1.9A
IOUT=1.9A
IOUT=1.9A
Enabled, IOUT=0mA
Capacitive Load
Isolation
Short Circuit Current Limit
Switching Frequency
VOUT Adjustment Range
ELECTRICAL SPECIFICATIONS
VDC
VDC
mA
mA
mVrms
mVrms
mArms
mArms
mV
mV
mV
mV
%
%
mV
mV
µS
µS
mV
mV
µS
µS
mV
mV
mS
mS
µS
µS
mS
V
mA
mA
mA
µF
M
Ω
A
KHz
%
Min.
12.00
11.80
190
190
-
-
-
-
-
-
-
-
67
60
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
16
-
-
-
-
100
1.9
475
±10
Output Voltage
Output Voltage Ripple
Input Current Ripple
Line Regulation
Load Regulation
Efficiency
Step Load Response
Step Load Recovery
Step Line Response
Step Line Recovery
Start Up Overshoot
Start Up Delay
Shutdown Delay
Parameter
Test Conditions 1
Max.
12.10
12.30
1900
1800
50
60
40
50
±50
±100
±50
±100
-
-
±1200
±1600
200
300
±500
±800
200
300
400
800
60
100
500
550
60
40
40
50
2.5
300
-
3.4
525
-
BBF2812S
BBF2812S H/E
Input Voltage Range
Output Current
Units
Typ.
12.05
-
-
-
25
-
20
-
±5
-
±5
-
74
-
±700
-
100
-
±300
-
70
-
0
-
20
-
120
-
20
-
35
-
1.25
-
-
2.8
500
-
Group A
Subgroup
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
4
5,6
4
5,6
4
5,6
4
5,6
4
5,6
4
5,6
4
5,6
-
1,2,3
1
2,3
1,2,3
1,2,3
1
1
4
1
7
2
Min.
11.95
-
190
-
-
-
-
-
-
-
-
-
67
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
16
-
-
-
-
100
1.9
475
±10
Max.
12.15
-
1900
-
60
-
40
-
±60
-
±60
-
-
-
±1400
-
220
-
±550
-
220
-
500
-
60
-
500
-
60
40
40
-
2.5
300
-
3.4
525
-
Typ.
12.05
-
-
-
25
-
20
-
±5
-
±5
-
74
-
±700
-
100
-
±300
-
70
-
0
-
20
-
120
-
20
-
35
-
1.25
-
-
2.8
500
-
Rev. F 12/06
5
Shutdown Recovery
Quiescent Current
2
2
2
2
2
2
BBF2812S
1
2
3
4
5
6
7
+VIN = 28V, IOUT = 1.9A, TA=TC=25°C unless otherwise specified.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("H" suffix) shall be 100% tested to subgroups 1, 2, 3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1, 4 TA=TC=+25°C
2, 5 TA=TC=+125°C
3, 6 TA=TC= -55°C
Device has internal shutdown feature that pulses the output with a low duty cycle during faults.
NOTES:
2
2
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com