Electronic Components Datasheet Search
  English  ▼

X  

BBF2805SH Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # BBF2805SH
Description  20W DC-DC CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

BBF2805SH Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  BBF2805SH Datasheet HTML 1Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 2Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 3Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 4Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 5Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 6Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 7Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 8Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 9Page - M.S. Kennedy Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
All Ceramic Capacitors
Surface Mount Magnetics
MIL STD 461C CR03 (DC-DC Converters)
80 Volt Input Transient Tolerent
Wide Supply Range - 16V to 50V
High Isolation - 500V
High Power Density - 17W/in³
Output Voltage Adjustment - Standard
Remote Shutdown
Operates to 14V Input at 10W
Available with 3.3V, 5V, 12V and 15V Outputs
Contact MSK for MIL-PRF-38534 Qualification Status
MIL-PRF-38534 CERTIFIED
ISO-9001 CERTIFIED BY DSCC
M.S.KENNEDY CORP.
20W
DC-DC
CONVERTERS
BBF2800S
DESCRIPTION:
The BBF2800S series of DC-DC converters provides the ruggedness, reliability and features required to
meet the advanced design challenges of today's hi-rel market. This has been accomplished using a package
having very low thermal gradients, excellent hermeticity and high voltage isolation. The use of advanced substrate
and reflow soldering techniques during construction results in a rugged, cost-effective pin solderable package.
The BBF2800S hybrid converter series utilizes all ceramic capacitors and surface mount magnetics to provide
reliable operation at all operating temperatures while surviving very high G forces.
BBF2800S series standard features include kelvin sense, indefinite short circuit protection, remote shutdown,
output fault monitoring, turn on voltage point adjustment, switching frequency synchronization of up to 3 units using
no external components and pi-network input filtering. An output voltage adjustment/load compensation pin is also
standard.
Fault tolerance design protects these converters from most external circuit faults. The output and output adjust
pins will withstand +35V while the shutdown and all synchronization pins will withstand +50V protecting the
converters from a variety of system or board faults, i.e. solder bridges, etc. Unique load fault protection circuitry
allows this converter to pull up loads having difficult static load line characteristics and allows short term load
excursions significantly beyond ratings in most applications.
The BBF2800 series is a current mode push-pull topology converter which operates at a switching frequency of
500KHz. Internal filtering of both input and output eliminates the need for external capacitors in many applications.
The 12-pin power dip package allows connection to a heatsink and is hermetically sealed and isolated from the
internal circuits.
Rev. F 12/06
1
SERIES
FEATURES:


Similar Part No. - BBF2805SH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
BBF2805 MSK-BBF2805 Datasheet
282Kb / 11P
20W DC-DC CONVERTERS
BBF2805E MSK-BBF2805E Datasheet
282Kb / 11P
20W DC-DC CONVERTERS
BBF2805H MSK-BBF2805H Datasheet
282Kb / 11P
20W DC-DC CONVERTERS
More results

Similar Description - BBF2805SH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
BBF2812S MSK-BBF2812S Datasheet
282Kb / 11P
20W DC-DC CONVERTERS
logo
Artesyn Technologies
CXA20 ARTESYN-CXA20 Datasheet
57Kb / 3P
20W DC/DC Converters
logo
Murata Manufacturing Co...
BWR-15-670-D12A MURATA-BWR-15-670-D12A Datasheet
161Kb / 6P
15-20W, Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI2000BRWI8 MPD-MHI2000BRWI8 Datasheet
737Kb / 3P
Compact, 20W Ultra-High Isolation DC/DC Converters
MR2011S MPD-MR2011S Datasheet
821Kb / 4P
Ultra-Wide Input, 20W Compact, Railway DC/DC Converters
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC Datasheet
199Kb / 4P
20W Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
20W Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP20DB TOPPOWER-TP20DB Datasheet
388Kb / 2P
20W 1.5KVDC Wide Voltage Input DC/DC Converters
logo
TDK Electronics
PYD20 TDK-PYD20 Datasheet
1Mb / 5P
20W Single and Dual Output DC-DC converters
September 2, 2022 V1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com