Electronic Components Datasheet Search
  English  ▼

X  

BBF2805SH Datasheet(PDF) 10 Page - M.S. Kennedy Corporation

Part # BBF2805SH
Description  20W DC-DC CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

BBF2805SH Datasheet(HTML) 10 Page - M.S. Kennedy Corporation

Back Button BBF2805SH Datasheet HTML 3Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 4Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 5Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 6Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 7Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 8Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 9Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 10Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 11Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TYPICAL PERFORMANCE CURVES
Rev. F 12/06
10
BBF2805S
0.0
5.0
OUTPUT CURRENT, IOUT (A)
10
12
14
16
18
20
LOW LINE DROP OUT
1.0
2.0
3.0
4.0
10K
90K
70K
20K
30K 40K50K
TIME, t (500
µsec/DIV)
LOAD TRANSIENT RESPONSE 1000
µF
LINE TRANSIENT RESPONSE
EFFICIENCY CONTOURS
16
30
40
35
20
25
OUTPUT CURRENT, IOUT (A)
3.2
.4
.8
1.6
2.4
4
SET POINT RESISTOR, RSP (Ω)
TIME, t (5msec/DIV)
12
16
20
24
28
TURN ON THRESHOLD
TURN ON RESPONSE
100 200 400
FREQUENCY, f (Hz)
–100
AUDIO REJECTION
0
–20
–40
1K 2K
10K 20K
100K
–60
–80
5.1V
0V
0V
28V
VOUT
VIN
TEMP = 25
°C
30%
40%
50%
60%
68%
70%
63%
66%
71%
72%
73%
EFFICIENCY CONTOURS
16
30
40
35
20
25
OUTPUT CURRENT, IOUT (A)
3.2
.4
.8
1.6
2.4
4
TEMP =
125
°C
30%
50%
60%
64%
67%
67%
69%
70%
71%
72%
73%
EFFICIENCY CONTOURS
15
30
40
35
20
25
OUTPUT CURRENT, IOUT (A)
3.2
.8
1.6
2.4
4
TEMP =
–55
°C
40%
50%
55%
60%
64%
71%
66%
68%
70%
69%
INCLUDES 1000
µF ON OUTPUT BUS
TIME, t (200
µsec/DIV)
TIME, t (200
µsec/DIV)
LOAD TRANSIENT RESPONSE 100
µF
INCLUDES 100
µF ON OUTPUT BUS
INCLUDES 100
µF ON OUTPUT BUS
INCLUDES 100
µF ON OUTPUT BUS
TIME, t (100
µsec/DIV)
LOAD TRANSIENT RESPONSE
4A
4A
4A
2A
2A
2A
VOUT
VOUT
VOUT
VIN
16V
40V
LOAD 4A
LOAD 4A
VOUT
IOUT
IOUT
IOUT
NO OUTPUT BUS CAPCITANCE
VIN = 28VDC
IOUT = 4 Amps
TEMP = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com