Electronic Components Datasheet Search
  English  ▼

X  

QAD2012 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # QAD2012
Description  Strap-on temperature sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

QAD2012 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  QAD2012 Datasheet HTML 1Page - Siemens Semiconductor Group QAD2012 Datasheet HTML 2Page - Siemens Semiconductor Group QAD2012 Datasheet HTML 3Page - Siemens Semiconductor Group QAD2012 Datasheet HTML 4Page - Siemens Semiconductor Group QAD2012 Datasheet HTML 5Page - Siemens Semiconductor Group QAD2012 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
Siemens
Clamp-on temperature sensor QAD2…
CE1N1801en
Building Technologies
2017-12-01
NTC 10k
Characteristic
Accuracy
100
1000
10000
100000
1000000
-30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120 130
[°C]
R [ ]
[°C]
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120 130
[K]
R
Resistance in Ohm
Temperature in degrees Celsius
Temperature differential in Kelvin
Mechanical design
The strap-on temperature sensor consists of the following components:
Two-sectional plastic housing comprised of base with connection terminals, grommet
and removable cover (snap-on design)
The coupling sheet with sensing element is flexible and adapts to the pipe's surface
Mounting clamp (adjustable strap-on band) for pipe diameters from 15...140 mm
The connection terminals can be accessed after removing the housing cover. Cable
entry is made via a grommet (tension relief into housing). If required, the grommet can
be replaced by a Pg 11 cable entry gland.
Engineering notes
The permissible cable lengths are dependent on the controller with which the sensor is
used. They are specified in the Data Sheet of the relevant controller.
Mounting and installation notes
Depending on the application, the sensor is to be located as follows:
For flow temperature control:
In the heating flow:
Directly after the pump if the pump is located in the flow
1.5 to 2 m after the mixing valve if the pump is located in the return
For limiting the return temperature:
In the return at a location where the temperature can be correctly acquired
The water must be well mixed where the temperature is acquired.
The pipe may not be lagged in the vicinity of the sensor.
The sensor should be mounted such that the cable does not enter from the top.
Legend



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com