Electronic Components Datasheet Search
  English  ▼

X  

QAD2012 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # QAD2012
Description  Strap-on temperature sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

QAD2012 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  QAD2012 Datasheet HTML 1Page - Siemens Semiconductor Group QAD2012 Datasheet HTML 2Page - Siemens Semiconductor Group QAD2012 Datasheet HTML 3Page - Siemens Semiconductor Group QAD2012 Datasheet HTML 4Page - Siemens Semiconductor Group QAD2012 Datasheet HTML 5Page - Siemens Semiconductor Group QAD2012 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CE1N1801en
2017-12-01
Building Technologies
1801
Strap-on
temperature sensor
QAD2…
Strap-on sensor for acquiring the temperature of pipework.
Range of use -30… 125/130 °C / 5…95 % r. F. non-condensing
(not suitably for chillers)
Use
Acquisition of temperature of pipework for
controlling or limiting the flow temperature
limiting the return temperature
controlling the d.h.w. temperature
Type summary
Type reference
Sensing element
Range of use
Time constant
QAD22
LG-Ni 1000
-30…+130 °C
3 s
QAD2010
Pt 100
-30…+130 °C
3 s
QAD2012
Pt 1000
-30…+130 °C
3 s
QAD2030
NTC 10k
-30…+125 °C
6 s
Ordering
When ordering, please give type reference, e.g.:
Strap-on temperature sensor QAD2…
Equipment combinations
The QAD2… is suited for use with all types of controllers that can handle analog
passive sensor signals.


Similar Part No. - QAD2012

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QADA-120 QUALTEK-QADA-120 Datasheet
757Kb / 2P
120 Watts Single Output Desktop
QADA-120-12 QUALTEK-QADA-120-12 Datasheet
757Kb / 2P
120 Watts Single Output Desktop
QADA-120-15 QUALTEK-QADA-120-15 Datasheet
757Kb / 2P
120 Watts Single Output Desktop
QADA-120-16 QUALTEK-QADA-120-16 Datasheet
757Kb / 2P
120 Watts Single Output Desktop
QADA-120-18 QUALTEK-QADA-120-18 Datasheet
757Kb / 2P
120 Watts Single Output Desktop
More results

Similar Description - QAD2012

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATSRP GREYSTONE-PS-HATSRP Datasheet
319Kb / 2P
HIGH ACCURACY REMOTE PROBE STRAP-ON TEMPERATURE SENSOR
PS-HATSSO GREYSTONE-PS-HATSSO Datasheet
302Kb / 2P
HIGH ACCURACY STRAP-ON TEMPERATURE SENSOR
PS-TNRP GREYSTONE-PS-TNRP Datasheet
306Kb / 2P
REMOTE PROBE STRAP-ON NETWORK TEMPERATURE SENSOR
PS-TNSO GREYSTONE-PS-TNSO Datasheet
365Kb / 2P
STRAP-ON NETWORK TEMPERATURE TRANSMITTER
TNRP GREYSTONE-TNRP Datasheet
306Kb / 2P
REMOTE PROBE STRAP-ON NETWORK TEMPERATURE SENSOR
TSRP GREYSTONE-TSRP Datasheet
280Kb / 2P
REMOTE PROBE STRAP-ON TEMPERATURE SENSOR
TSSO GREYSTONE-TSSO Datasheet
297Kb / 2P
STRAP-ON TEMPERATURE SENSOR
TXSO GREYSTONE-TXSO Datasheet
366Kb / 2P
STRAP-ON TEMPERATURE TRANSMITTER
logo
Honeywell Solid State E...
SF00 HONEYWELL-SF00 Datasheet
445Kb / 2P
STRAP-ON TEMPERATURE SENSORS
logo
E+E Elektronik Ges.m.b....
EE441 EPLUSE-EE441 Datasheet
913Kb / 7P
Strap-on Temperature Sensor
10-2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com