Electronic Components Datasheet Search
  English  ▼

X  

QAD2012 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # QAD2012
Description  Strap-on temperature sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

QAD2012 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  QAD2012 Datasheet HTML 1Page - Siemens Semiconductor Group QAD2012 Datasheet HTML 2Page - Siemens Semiconductor Group QAD2012 Datasheet HTML 3Page - Siemens Semiconductor Group QAD2012 Datasheet HTML 4Page - Siemens Semiconductor Group QAD2012 Datasheet HTML 5Page - Siemens Semiconductor Group QAD2012 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
Siemens
Clamp-on temperature sensor QAD2…
CE1N1801en
Building Technologies
2017-12-01
Function
The sensor's nickel sensing element acquires the temperature of pipework.
The resistance of the sensing element changes as a function of the medium
temperature. The resistance value is used for handling by a suitable controller.
LG-Ni1000
Characteristic
Accuracy
40
30 20 10
0 10 20 30 40 50 60 70 80 90 100 110 120 130
1800
1600
1400
1200
1000
800
600
R [ ]
[°C]
40 30 20 10
0 10 20 30 40 50 60 70 80 90 100 110 120 130
1.5
1.0
0.5
0.0
0.5
1.0
1.5
[K]
[°C]
Pt 100 (Kl. B)
Characteristic
Accuracy
40 30 20 10
0
10 20 30 40 50 60 70 80
140
120
100
80
R [ ]
[°C]
100 110 120 130
160
90
40 30 20 10
0
10 20 30 40 50 60 70 80
0.8
0.4
0.0
[K]
[°C]
100 110 120
90
130
Pt 1000 (Kl. B)
Characteristic
Accuracy
40 30 20 10
0
10 20 30 40 50 60 70 80
1400
1200
1000
800
R [ ]
[°C]
100 110 120 130
1600
90
40 30 20 10
0
10 20 30 40 50 60 70 80
0.8
0.4
0.0
0.4
[K]
[°C]
0.8
100 110 120
90
130
Sensing element



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com