Electronic Components Datasheet Search
  English  ▼

X  

DS320PR410 Datasheet(PDF) 13 Page - Texas Instruments

Part # DS320PR410
Description  DS320PR410 Four-Channel Linear Redriver for PCIe™ 5.0, CXL 2.0
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS320PR410 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DS320PR410 Datasheet HTML 9Page - Texas Instruments DS320PR410 Datasheet HTML 10Page - Texas Instruments DS320PR410 Datasheet HTML 11Page - Texas Instruments DS320PR410 Datasheet HTML 12Page - Texas Instruments DS320PR410 Datasheet HTML 13Page - Texas Instruments DS320PR410 Datasheet HTML 14Page - Texas Instruments DS320PR410 Datasheet HTML 15Page - Texas Instruments DS320PR410 Datasheet HTML 16Page - Texas Instruments DS320PR410 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Table 7-1 provides available equalization boost through EQ control pins or SMBus/I2C registers. In Pin Control
mode EQ1 and EQ0 pins set equalization boost for channels 0-3. In I2C mode individual channels can be
independently programmed for EQ boost.
Table 7-1. Equalization Control Settings
EQUALIZATION SETTING
TYPICAL EQ BOOST (dB)
Pin mode
SMBus/I2C Mode
0
L0
L0
0
0
0
1
3.0
4.5
1
L0
L1
1
0
0
1
4.0
6.5
2
L0
L2
3
0
0
1
5.5
8.5
5
L1
L0
0
0
1
0
6.5
11.0
6
L1
L1
1
0
1
0
7.0
12.0
7
L1
L2
2
0
1
0
8.0
12.5
8
L1
L3
3
0
3
0
8.5
13.0
9
L1
L4
4
0
3
0
9.0
14.0
10
L2
L0
5
1
7
0
10.0
15.0
11
L2
L1
6
1
7
0
10.5
15.5
12
L2
L2
8
1
7
0
11.5
16.5
13
L2
L3
10
1
7
0
12.5
17.5
14
L2
L4
10
2
15
0
13.0
18.0
15
L3
L0
11
3
15
0
13.5
19.0
16
L3
L1
12
4
15
0
14.0
20.0
17
L3
L2
13
5
15
0
15.0
21.0
18
L3
L3
14
6
15
0
15.5
22.0
19
L3
L4
15
7
15
0
16.0
22.5
7.3.2 Flat-Gain
The GAIN pin can be used to set the overall data-path flat gain (DC and AC) of the DS320PR410 when the
device is in Pin mode. The pin GAIN sets the Flat-Gain for channels 0-3. In I2C mode each channel can be
independently set. Table 7-2 provides flat gain control configuration settings. In the default recommendation for
most systems will be GAIN = L4 (float) that provides flat gain of 0 dB.
The flat-gain and equalization of the DS320PR410 must be set such that the output signal swing at DC and high
frequency does not exceed the DC and AC linearity ranges of the devices, respectively.
Table 7-2. Flat Gain Configuration Settings
Pin mode GAIN
I2C Modeflat_gain_2:0
Flat Gain
L0
0
-5.6 dB
L1
1
-3.8 dB
L2
3
-1.2 dB
L4 (float)
5
0.6 dB (default recommendation)
L3
7
+2.6 dB
www.ti.com
DS320PR410
SNLS739 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DS320PR410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com