Electronic Components Datasheet Search
  English  ▼

X  

DS320PR410 Datasheet(PDF) 21 Page - Texas Instruments

Part # DS320PR410
Description  DS320PR410 Four-Channel Linear Redriver for PCIe™ 5.0, CXL 2.0
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS320PR410 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DS320PR410 Datasheet HTML 17Page - Texas Instruments DS320PR410 Datasheet HTML 18Page - Texas Instruments DS320PR410 Datasheet HTML 19Page - Texas Instruments DS320PR410 Datasheet HTML 20Page - Texas Instruments DS320PR410 Datasheet HTML 21Page - Texas Instruments DS320PR410 Datasheet HTML 22Page - Texas Instruments DS320PR410 Datasheet HTML 23Page - Texas Instruments DS320PR410 Datasheet HTML 24Page - Texas Instruments DS320PR410 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
8.2.1 PCIe Reach Extension – x16 Lane Configuration
The DS320PR410 can be used in server or motherboard applications to boost transmit and receive signals to
increase the reach of the host or root complex processor to PCI Express slots or connectors. The following
sections outline detailed procedures and design requirements for a typical PCIe x16 lane configuration; however,
the design recommendations can be used in any lane configuration.
8.2.1.1 Design Requirements
As with any high-speed design, there are many factors which influence the overall performance. The following
list indicates critical areas for consideration during design.
• Use 85 Ω impedance traces when interfacing with PCIe CEM connectors. Length matching on the P and N
traces should be done on the single-end segments of the differential pair.
• Use a uniform trace width and trace spacing for differential pairs.
• Place AC-coupling capacitors near the receiver end of each channel segment to minimize reflections.
• For PCIe Gen 3.0, 4.0, and 5.0, AC-coupling capacitors of 220 nF are recommended. Set the maximum
body size to 0402 and add a cutout void on the GND plane below the landing pad of the capacitor to reduce
parasitic capacitance to GND.
• Back-drill connector vias and signal vias to minimize stub length.
• Use reference plane vias for a low inductance path for the return current.
8.2.1.2 Detailed Design Procedure
In PCIe Gen 3.0, 4.0, and 5.0 applications, the specification requires Rx-Tx (of root-complex and endpoint) link
training to establish and optimize signal conditioning settings at 8 Gbps, 16 Gbps, and 32 Gbps, respectively. In
link training, the Rx partner requests a series of FIR – preshoot and de-emphasis coefficients (10 Presets) from
the Tx partner. The Rx partner includes 7-levels of CTLE followed by a single tap DFE. The link training would
pre-condition the signal, with an equalized link between the root-complex and endpoint resulting an optimized
link. Note that there is no link training in PCIe Gen 1.0 (2.5 Gbps) or PCIe Gen 2.0 (5.0 Gbps) applications.
For operation in Gen 3.0, 4.0, and 5.0 links, the DS320PR410 is designed with linear data-path to pass the
Tx Preset signaling (by root complex and end point) onto the Rx (of root complex and end point) for the PCIe
Gen 3.0, 4.0, or 5.0 link to train and optimize the equalization settings. The linear redriver DS320PR410 helps
extend the PCB trace reach distance by boosting the attenuated signals with its equalization, which allows the
user to recover the signal by the downstream Rx more easily. The device must be placed in between the Tx and
Rx (of root complex and end point) in such a way that both Rx and Tx signal swing stays within the linearity
range of the device. Adjustments to the DS320PR410 EQ setting should be performed based on the channel
loss to optimize the eye opening in the Rx partner. The available EQ gain settings are provided in Table 7-1. For
most PCIe systems, the default flat gain setting 0 dB (GAIN = floating) would be sufficient. However, a flat gain
attenuation can be utilized to apply extra equalization when needed to keep the data-path linear.
The DS320PR410 can be optimized for a given system utilizing its three configuration modes – Pin mode,
SMBus/I2C Primary mode, and SMBus/I2C Secondary mode. In SMBus/I2C modes the SCL and SDA pins must
be pulled up to a 3.3 V supply with a pull-up resistor. The value of the resistor depends on total bus capacitance.
4.7 kΩ is a good first approximation for a bus capacitance of 10 pF.
In PCIe applications PD pin can be connected to PCIe sideband signals PERST# with inverted polarity or one or
more appropriate PRSNTx# signals to achieve desired RX detect functionality.
www.ti.com
DS320PR410
SNLS739 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DS320PR410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com