Electronic Components Datasheet Search
  English  ▼

X  

DS320PR410 Datasheet(PDF) 14 Page - Texas Instruments

Part # DS320PR410
Description  DS320PR410 Four-Channel Linear Redriver for PCIe™ 5.0, CXL 2.0
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS320PR410 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DS320PR410 Datasheet HTML 10Page - Texas Instruments DS320PR410 Datasheet HTML 11Page - Texas Instruments DS320PR410 Datasheet HTML 12Page - Texas Instruments DS320PR410 Datasheet HTML 13Page - Texas Instruments DS320PR410 Datasheet HTML 14Page - Texas Instruments DS320PR410 Datasheet HTML 15Page - Texas Instruments DS320PR410 Datasheet HTML 16Page - Texas Instruments DS320PR410 Datasheet HTML 17Page - Texas Instruments DS320PR410 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
7.3.3 Receiver Detect State Machine
The DS320PR410 deploys an Rx detect state machine that governs the Rx detection cycle as defined in the
PCI express specifications. At power up or after a manual PD toggle the redriver determines whether or not
a valid PCI express termination is present at the far end receiver. The RX_DET pin of DS320PR410 provides
additional flexibility for system designers to appropriately set the device in desired mode as provided in Table
7-3. If multiple DS320PR410 devices are used for a same PCI express link, then the PD pins from different
devices can be shorted and driven together. For most applications the RX_DET pin can be left floating for default
settings. In SMBus/I2C mode each channel can be configured independently.
Table 7-3. Receiver Detect State Machine Settings
PD
RX_DET
Rx Impedance
COMMENTS
L
L0
Always 50 Ω
PCI Express Rx detection state machine is disabled. Recommended
for non PCIe interface use case where the DS320PR410 is used as
buffer with equalization.
L
L1
Pre Detect: Hi-Z
Post Detect: 50 Ω.
Outputs polls until 3 consecutive valid detections
L
L2
Pre Detect: Hi-Z
Post Detect: 50 Ω.
Outputs polls until 2 consecutive valid detections
L
L3
NA
Reserved
L
L4 (Float)
Pre Detect: Hi-Z
Post Detect: 50 Ω.
Tx polls every
≅150 µs until valid termination is detected. Rx
impedance held at Hi-Z until detection. Reset by asserting PD high
for 200 µs then low.
H
X
Hi-Z
Reset Channels 0-3 signal path and set their Rx impedance to Hi-Z
In PCIe applications, the PD pin can be connected to PCIe sideband signals PERST# with inverted polarity or
one or more appropriate PRSNTx# signals to achieve the desired RX detect functionality.
7.4 Device Functional Modes
7.4.1 Active PCIe Mode
In pin mode, the RX_DET = L1/L2/L4 sets the device in normal operation with PCIe state machine enabled.
See RX Detect Control Registers in i2c mode. In the active PCIe mode, the PD pin is driven low in a system
(for example, by PCIE connector PRSNTx# or fundamental reset PERST# signal). In active PCIe mode, the
DS320PR410 redrives and equalizes PCIe Rx or Tx signals to provide better signal integrity.
7.4.2 Active Buffer Mode
In pin mode, the RX_DET = L0 sets the device in normal operation with PCIe state machine disabled. For more
information, see RX Detect Control Registers in I2c mode. The active buffer mode is recommended for non-PCIe
use cases, where the device is working as a buffer to provide linear equalization to improve signal integrity.
7.4.3 Standby Mode
The pin setting PD = H puts the device in standby mode. In this mode, the device is in standby mode conserving
power.
7.5 Programming
7.5.1 Pin mode
The DS320PR410 can be fully configured through pin-strap pins. In this mode, the device uses 2-level and
5-level pins for device control and signal integrity optimum settings.
7.5.1.1 Five-Level Control Inputs
The DS320PR410 has five (EQ0, EQ1, GAIN, MODE, and RX_DET) 5-level input pins that are used to control
the configuration of the device. These 5-level inputs use a resistor divider to help set the 5 valid levels and
provide a wider range of control settings. External resistors must be of 10% tolerance or better. The EQ0, EQ1,
DS320PR410
SNLS739 – OCTOBER 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DS320PR410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com