Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input/Output Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 2 Page - Texas Instruments

  OPA607 Datasheet HTML 1Page - Texas Instruments OPA607 Datasheet HTML 2Page - Texas Instruments OPA607 Datasheet HTML 3Page - Texas Instruments OPA607 Datasheet HTML 4Page - Texas Instruments OPA607 Datasheet HTML 5Page - Texas Instruments OPA607 Datasheet HTML 6Page - Texas Instruments OPA607 Datasheet HTML 7Page - Texas Instruments OPA607 Datasheet HTML 8Page - Texas Instruments OPA607 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................3
7 Specifications.................................................................. 5
7.1 Absolute Maximum Ratings........................................ 5
7.2 ESD Ratings............................................................... 5
7.3 Recommended Operating Conditions.........................5
7.4 Thermal Information: OPA863A.................................. 6
7.5 Thermal Information: OPA2863A................................ 6
7.6 Electrical Characteristics: VS = ±5 V ..........................7
7.7 Electrical Characteristics: VS = 3 V.............................9
7.8 Typical Characteristics: VS = ±5 V.............................11
7.9 Typical Characteristics: VS = 3 V.............................. 16
7.10 Typical Characteristics: VS = 3 V to 10 V................18
8 Detailed Description......................................................20
8.1 Overview................................................................... 20
8.2 Functional Block Diagram......................................... 20
8.3 Feature Description...................................................21
8.4 Device Functional Modes..........................................22
9 Application and Implementation.................................. 23
9.1 Application Information............................................. 23
9.2 Typical Applications.................................................. 23
9.3 Power Supply Recommendations.............................25
9.4 Layout....................................................................... 25
10 Device and Documentation Support..........................27
10.1 Documentation Support.......................................... 27
10.2 Receiving Notification of Documentation Updates..27
10.3 Support Resources................................................. 27
10.4 Trademarks.............................................................27
10.5 Electrostatic Discharge Caution..............................27
10.6 Glossary..................................................................27
11 Mechanical, Packaging, and Orderable
Information.................................................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (December 2022) to Revision C (August 2023)
Page
• Changed OPA863A DBV (SOT-23, 5) package status from preview to advanced information (preview with
samples)............................................................................................................................................................. 1
• Added correct Y-axis label to Figure 7-2, Small-Signal Frequency Response vs Output Load ....................... 11
Changes from Revision A (December 2022) to Revision B (December 2022)
Page
• Changed the description for the PD1 and PD2 pins from: high/floating = enabled to: high = enabled ..............3
Changes from Revision * (May 2022) to Revision A (December 2022)
Page
• Changed the status of the data sheet from: Advanced Information to: Production Data .................................. 1
OPA863A, OPA2863A
SBOSA95C – MAY 2022 – REVISED AUGUST 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA863A OPA2863A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com