Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input/Output Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 20Page - Texas Instruments OPA607 Datasheet HTML 21Page - Texas Instruments OPA607 Datasheet HTML 22Page - Texas Instruments OPA607 Datasheet HTML 23Page - Texas Instruments OPA607 Datasheet HTML 24Page - Texas Instruments OPA607 Datasheet HTML 25Page - Texas Instruments OPA607 Datasheet HTML 26Page - Texas Instruments OPA607 Datasheet HTML 27Page - Texas Instruments OPA607 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Table 9-1 provides the following benefits of using OPAx863A in an MFB low-pass filter circuit:
• High-precision measurements with low offset voltage across the operating temperature range for low-
frequency signals in pass band
• High linearity due to the larger GBW and loop gain for low-frequency signals in pass band
• Higher accuracy of cutoff frequency and smaller variations over process and temperature
• Small integrated output noise due to low-pass filtering
Based on Figure 9-2, and as with the OPAx863A, use an amplifier with a gain bandwidth product at least
20 × greater than the filter cutoff frequency. This configuration results in a high-precision and high-linearity,
low-pass-filter design.
9.2.1.3 Application Curves
Frequency (Hz)
-12
-9
-6
-3
0
3
6
1M
TLV9051
LMV641
OPA2834
OPAx863A
OPA836
Figure 9-2. MFB Low-Pass Filter Frequency Response vs GBW
9.2.2 Low-Power SAR ADC Driver and Reference Buffer
Figure 9-3 shows the use of the OPAx863A as a SAR ADC input driver driving the .ADS7057 sensors, which
are used for interface with the physical environment, exhibit high output impedance, and cannot drive SAR ADC
inputs directly. A wide-GBW amplifier, such as the OPAx863A, is needed to charge the switching capacitors
at the SAR ADC input, and quickly settle to the required accuracy within the given acquisition time. The
OPAx863A wide-GBW, high precision performance enables fast settling, high accuracy sensor measurements,
and reference buffering for precision ADCs.
ADS7057
14-bit
2.5 MSPS
R
S
+
–
3.3 V
AVDD
OPAx863A
C
CB
C
FILT
REF1933
3.3-V
Reference
5V
R
F
R
G
Z
OUT
Sensor
3.3 V
R
S
Figure 9-3. OPAx863A as a Precision SAR ADC Driver
OPA863A, OPA2863A
SBOSA95C – MAY 2022 – REVISED AUGUST 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA863A OPA2863A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com