Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input/Output Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 19Page - Texas Instruments OPA607 Datasheet HTML 20Page - Texas Instruments OPA607 Datasheet HTML 21Page - Texas Instruments OPA607 Datasheet HTML 22Page - Texas Instruments OPA607 Datasheet HTML 23Page - Texas Instruments OPA607 Datasheet HTML 24Page - Texas Instruments OPA607 Datasheet HTML 25Page - Texas Instruments OPA607 Datasheet HTML 26Page - Texas Instruments OPA607 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The OPAx863A are classic voltage-feedback amplifiers, where each channel has two high-impedance inputs and
a low-impedance output. Theses devices feature a GBW of 50 MHz, 6.3
‑ nV/√Hz noise, RRIO capability, and
high-precision performance consuming only 800 µA of quiescent current. These features make the OPAx863A
an excellent choice for use in precision data acquisition, reference buffering with fast settling, high gain and
filter circuits. The overload power limit feature makes the OPAx863A truly low power in high-gain multichannel
systems, and limits any increase in quiescent current during output overload conditions.
9.2 Typical Applications
9.2.1 Active Filters
Active filter circuits are used to amplify signals in the pass band, attenuate signals in the stop band, and also
limit the integrated noise at the amplifier output. The OPAx863A, with a wide bandwidth and high-precision
performance, is an excellent device for designing multifeedback (MFB) low-pass filter circuits.
9.2.1.1 Design Requirements
This section discusses the design of a MFB low-pass active filter with a cut-off frequency at 2 MHz and the
impact of amplifier's gain-bandwidth (GBW) on filter performance.
9.2.1.2 Detailed Design Procedure
Figure 9-1 shows the use of OPAx863A in a second-order multifeedback (MFB) low-pass filter with a cut-off
frequency of 2 MHz. The frequency response of the circuit in Figure 9-1 is compared for various amplifiers with
different gain-bandwidth products and shown in Figure 9-2:
+
–
1k
1k
VS+
VS-
37pF
1k
+
–
VIN
VOUT
OPAx863A
168pF
Figure 9-1. MFB Low-Pass Filter Circuit Using the OPAx863A
Table 9-1. Impact of Amplifier GBW on Cutoff Frequency
DEVICE
GBW (MHz)
CUTOFF FREQUENCY (MHz)
TLV9051
5
1.59
LMV641
10
1.78
OPA2834
20
1.87
OPAx863A
50
1.95
OPA836
110
1.98
www.ti.com
OPA863A, OPA2863A
SBOSA95C – MAY 2022 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA863A OPA2863A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com