Electronic Components Datasheet Search
  English  ▼

X  

TMUX7612 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMUX7612
Description  TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7612 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX7612 Datasheet HTML 9Page - Texas Instruments TMUX7612 Datasheet HTML 10Page - Texas Instruments TMUX7612 Datasheet HTML 11Page - Texas Instruments TMUX7612 Datasheet HTML 12Page - Texas Instruments TMUX7612 Datasheet HTML 13Page - Texas Instruments TMUX7612 Datasheet HTML 14Page - Texas Instruments TMUX7612 Datasheet HTML 15Page - Texas Instruments TMUX7612 Datasheet HTML 16Page - Texas Instruments TMUX7612 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
6.14 Switching Characteristics (+37.5 V/–12.5 V Dual Supply)
VDD = +37.5 V ± 10%, VSS = –12.5 V ±10%, GND = 0 V (unless otherwise noted)
VDD = +37.5 V ± 10%, VSS = –12.5 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
tON
Turn-on time from control input
VS = 10 V
RL = 300 Ω, CL = 35 pF
25°C
2.1
3
µs
–40°C to +85°C
4
µs
–40°C to +125°C
5.2
µs
tOFF
Turn-off time from control input
VS = 10 V
RL = 300 Ω, CL = 35 pF
25°C
1.74
2
µs
–40°C to +85°C
2.1
µs
–40°C to +125°C
2.5
µs
tBBM
Break-before-make time delay
VS = 10 V,
RL = 300 Ω, CL = 35 pF
25°C
350
ns
–40°C to +85°C
310
ns
–40°C to +125°C
300
ns
QINJ
Charge injection
VS = 12.5 V, CL = 100 pF
25°C
6.5
pC
OISO
Off-isolation
RL = 50 Ω , CL = 5 pF
VS = 200 mVRMS,VBIAS = 12.5 V,
f = 100 kHz
25°C
–105
dB
OISO
Off-isolation
RL = 50 Ω , CL = 5 pF
VS = 200 mVRMS,VBIAS = 12.5 V,
f = 1 MHz
25°C
–75
dB
XTALK
Crosstalk
RL = 50 Ω , CL = 5 pF
VS = 200 mVRMS,VBIAS = 12.5 V,
f = 100 kHz
25°C
–110
dB
XTALK
Crosstalk
RL = 50 Ω , CL = 5 pF
VS = 200 mVRMS,VBIAS = 12.5 V,
f = 1 MHz
25°C
–100
dB
BW
–3dB Bandwidth
RL = 50 Ω , CL = 5 pF
VS = 200 mVRMS,VBIAS = 12.5 V,
25°C
150
MHz
IL
Insertion loss
RL = 50 Ω , CL = 5 pF
VS = 200 mVRMS,VBIAS = 12.5 V,
f = 1 MHz
25°C
–0.095
dB
ACPSRR AC Power Supply Rejection Ratio
VPP = 0.62 V on VDD and VSS
RL = 50 Ω , CL = 5 pF,
f = 1 MHz
25°C
–57
dB
THD+N
Total Harmonic Distortion + Noise
VPP = 15 V, VBIAS = 0 V
RL = 110 Ω , CL = 5 pF,
f = 20 Hz to 20 kHz
25°C
0.005
%
CS(OFF)
Source off capacitance to ground VS = 12.5 V, f = 1 MHz
25°C
55
pF
CD(OFF)
Drain off capacitance to ground
VS = 12.5 V, f = 1 MHz
25°C
55
pF
CS(ON),
CD(ON)
On capacitance to ground
VS = 12.5 V, f = 1 MHz
25°C
35
pF
www.ti.com
TMUX7612
SCDS466 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX7612



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com