Electronic Components Datasheet Search
  English  ▼

X  

TMUX7612 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMUX7612
Description  TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7612 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX7612 Datasheet HTML 17Page - Texas Instruments TMUX7612 Datasheet HTML 18Page - Texas Instruments TMUX7612 Datasheet HTML 19Page - Texas Instruments TMUX7612 Datasheet HTML 20Page - Texas Instruments TMUX7612 Datasheet HTML 21Page - Texas Instruments TMUX7612 Datasheet HTML 22Page - Texas Instruments TMUX7612 Datasheet HTML 23Page - Texas Instruments TMUX7612 Datasheet HTML 24Page - Texas Instruments TMUX7612 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
8.4 Layout
8.4.1 Layout Guidelines
When a PCB trace turns a corner at a 90° angle, a reflection can occur. A reflection occurs primarily because of
the change of width of the trace. At the apex of the turn, the trace width increases to 1.414 times the width. This
increase upsets the transmission-line characteristics, especially the distributed capacitance and self–inductance
of the trace which results in the reflection. Not all PCB traces can be straight and therefore some traces must
turn corners. Figure 8-5 shows progressively better techniques of rounding corners. Only the last example
(BEST) maintains constant trace width and minimizes reflections.
WORST
BETTER
BEST
1W min.
W
Figure 8-5. Trace Example
Route high-speed signals using a minimum of vias and corners which reduces signal reflections and impedance
changes. When a via must be used, increase the clearance size around it to minimize its capacitance.
Each via introduces discontinuities in the signal’s transmission line and increases the chance of picking up
interference from the other layers of the board. Be careful when designing test points, through-hole pins are not
recommended at high frequencies.
Figure 8-6 shows an example of a PCB layout with the TMUX7612.
Some key considerations are:
• For reliable operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD/VSS and
GND. We recommend a 0.1 µF and 1 µF capacitor, placing the lowest value capacitor as close to the pin as
possible. Make sure that the capacitor voltage rating is sufficient for the supply voltage.
• Keep the input lines as short as possible.
• Use a solid ground plane to help reduce electromagnetic interference (EMI) noise pickup.
• Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when necessary.
• Using multiple vias in parallel will lower the overall inductance and is beneficial for connection to ground
planes.
8.4.2 Layout Example
SEL1
D1
S1
VSS
D2
S2
VDD
SEL2
N.C.
S3
D3
SEL3
GND
S4
D4
SEL4
Wide (low inductance)
trace for power
Wide (low inductance)
trace for power
Via to ground plane
www.ti.com
TMUX7612
SCDS466 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX7612



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com