Electronic Components Datasheet Search
  English  ▼

X  

TMUX7612 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMUX7612
Description  TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7612 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX7612 Datasheet HTML 1Page - Texas Instruments TMUX7612 Datasheet HTML 2Page - Texas Instruments TMUX7612 Datasheet HTML 3Page - Texas Instruments TMUX7612 Datasheet HTML 4Page - Texas Instruments TMUX7612 Datasheet HTML 5Page - Texas Instruments TMUX7612 Datasheet HTML 6Page - Texas Instruments TMUX7612 Datasheet HTML 7Page - Texas Instruments TMUX7612 Datasheet HTML 8Page - Texas Instruments TMUX7612 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Thermal Information....................................................4
6.4 Recommended Operating Conditions.........................5
6.5 Source or Drain Continuous Current Switch Pairs......5
6.6 Source or Drain Pulsed Current..................................5
6.7 Electrical Characteristics (12 V Single Supply)...........6
6.8 Switching Characteristics (12 V Single Supply).......... 7
6.9 Electrical Characteristics (±15 V Dual Supply)........... 8
6.10 Switching Characteristics (±15 V Dual Supply).........9
6.11 Electrical Characteristics (±20 V Dual Supply)........10
6.12 Switching Characteristics (±20 V Dual Supply).......11
6.13 Electrical Characteristics (+37.5 V/–12.5 V
Dual Supply)................................................................12
6.14 Switching Characteristics (+37.5 V/–12.5 V
Dual Supply)................................................................13
6.15 Typical Characteristics............................................ 14
7 Detailed Description......................................................15
7.1 Overview................................................................... 15
7.2 Functional Block Diagram......................................... 15
7.3 Feature Description...................................................15
7.4 Device Functional Modes..........................................17
8 Application and Implementation.................................. 18
8.1 Application Information............................................. 18
8.2 Typical Application ................................................... 18
8.3 Power Supply Recommendations.............................20
8.4 Layout....................................................................... 21
9 Device and Documentation Support............................23
9.1 Documentation Support............................................ 23
9.2 Receiving Notification of Documentation Updates....23
9.3 Support Resources................................................... 23
9.4 Trademarks...............................................................23
9.5 Electrostatic Discharge Caution................................23
9.6 Glossary....................................................................23
10 Mechanical, Packaging, and Orderable
Information.................................................................... 23
10.1 Tape and Reel Information......................................24
10.2 Mechanical Data..................................................... 26
4 Revision History
DATE
REVISION
NOTES
August 2023
*
Initial Release
TMUX7612
SCDS466 – AUGUST 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX7612



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com