Electronic Components Datasheet Search
  English  ▼

X  

AM263P4 Datasheet(PDF) 19 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 Datasheet(HTML) 19 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 15Page - Texas Instruments AM263P4 Datasheet HTML 16Page - Texas Instruments AM263P4 Datasheet HTML 17Page - Texas Instruments AM263P4 Datasheet HTML 18Page - Texas Instruments AM263P4 Datasheet HTML 19Page - Texas Instruments AM263P4 Datasheet HTML 20Page - Texas Instruments AM263P4 Datasheet HTML 21Page - Texas Instruments AM263P4 Datasheet HTML 22Page - Texas Instruments AM263P4 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 154 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S Packages) (continued)
ZCZ_C
BALL
NUMBER
[1]
ZCZ_S
BALL
NUMBER
[1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
G4
G4
EPWM10_A
EPWM10_A_CFG_REG
0x5310 00FC
0x0000 05F7
EPWM10_A
0
O
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART1_CTSn
1
I
SPI7_D0
3
IO
MCAN5_RX
4
I
FSIRX2_DATA0
6
I
GPIO63
7
IO
EPWM7_B
10
O
J3
J3
EPWM10_B
EPWM10_B_CFG_REG
0x5310 0100
0x0000 05F7
EPWM10_B
0
O
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART2_RTSn
1
O
SPI7_D1
3
IO
MCAN5_TX
4
O
OSPI0_RESET_OUT0
5
O
FSIRX2_DATA1
6
I
GPIO64
7
IO
EPWM10_B
10
O
H1
H1
EPWM11_A
EPWM11_A_CFG_REG
0x5310 0104
0x0000 05F7
EPWM11_A
0
O
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART2_CTSn
1
I
OSPI0_ECC_FAIL
2
I
MCAN6_RX
4
I
OSPI0_RESET_OUT1
5
O
OSPI0_CSn0
6
O
GPIO65
7
IO
EPWM11_A
10
O
J1
J1
EPWM11_B
EPWM11_B_CFG_REG
0x5310 0108
0x0000 05F7
EPWM11_B
0
O
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART3_RTSn
1
O
OSPI0_RESET_OUT0
2
O
MCAN6_TX
4
O
OSPI0_D1
6
IO
GPIO66
7
IO
EPWM12_B
10
O
K2
K2
EPWM12_A
EPWM12_A_CFG_REG
0x5310 010C
0x0000 05F7
EPWM12_A
0
O
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART3_CTSn
1
I
SPI4_CS1
2
IO
MCAN7_RX
4
I
OSPI0_D5
6
IO
GPIO67
7
IO
EPWM12_A
10
O
TI Information - Selective Disclosure
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More