Electronic Components Datasheet Search
  English  ▼

X  

AM263P4 Datasheet(PDF) 20 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 16Page - Texas Instruments AM263P4 Datasheet HTML 17Page - Texas Instruments AM263P4 Datasheet HTML 18Page - Texas Instruments AM263P4 Datasheet HTML 19Page - Texas Instruments AM263P4 Datasheet HTML 20Page - Texas Instruments AM263P4 Datasheet HTML 21Page - Texas Instruments AM263P4 Datasheet HTML 22Page - Texas Instruments AM263P4 Datasheet HTML 23Page - Texas Instruments AM263P4 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 154 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S Packages) (continued)
ZCZ_C
BALL
NUMBER
[1]
ZCZ_S
BALL
NUMBER
[1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
J4
J4
EPWM12_B
EPWM12_B_CFG_REG
0x5310 0110
0x0000 05F7
EPWM12_B
0
O
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART1_DCDn
1
I
SPI7_CS0
2
IO
MCAN7_TX
4
O
OSPI0_D7
6
IO
GPIO68
7
IO
EPWM10_A
10
O
K4
K4
EPWM13_A
EPWM13_A_CFG_REG
0x5310 0114
0x0000 05F7
EPWM13_A
0
O
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART1_RIn
1
I
SPI7_CLK
2
IO
OSPI0_D3
6
IO
GPIO69
7
IO
EPWM13_A
10
O
K3
K3
EPWM13_B
EPWM13_B_CFG_REG
0x5310 0118
0x0000 05F7
EPWM13_B
0
O
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART1_DTRn
1
O
SPI7_D0
2
IO
OSPI0_ECC_FAIL
6
I
GPIO70
7
IO
EPWM13_B
10
O
V17
EPWM14_A
EPWM14_A_CFG_REG
0x5310 011C
0x0000 05F7
EPWM14_A
0
O
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART1_DSRn
1
I
SPI7_D1
2
IO
MCAN6_RX
3
I
GPIO71
7
IO
EPWM14_A
10
O
T16
EPWM14_B
EPWM14_B_CFG_REG
0x5310 0120
0x0000 05F7
EPWM14_B
0
O
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
MII1_RX_ER
2
I
MCAN6_TX
3
O
GPIO72
7
IO
EPWM14_B
10
O
P15
EPWM15_A
EPWM15_A_CFG_REG
0x5310 0124
0x0000 05F7
EPWM15_A
0
O
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART5_TXD
1
O
MII1_COL
2
I
MCAN7_RX
3
I
GPIO73
7
IO
ADC_EXTCH_XBAROUT4
9
O
EPWM15_A
10
O
TI Information - Selective Disclosure
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More