Electronic Components Datasheet Search
  English  ▼

X  

TPS92201AMDRVR Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS92201AMDRVR
Description  TPS92201 1.5-A High Efficiency Synchronous Buck LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92201AMDRVR Datasheet(HTML) 1 Page - Texas Instruments

  TPS92201AMDRVR Datasheet HTML 1Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 2Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 3Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 4Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 5Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 6Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 7Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 8Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TPS92201 1.5-A High Efficiency Synchronous Buck LED Driver
1 Features
• 2.5-V to 5.5-V input voltage range
• 1.5-A constant output current
• Up to 95% efficiency
• 0.1-μA shutdown current
• 220-mΩ (HS) / 170-mΩ (LS) MOSFETs
• Up to 100% switching duty cycle
• 1.5-MHz switching frequency
• Force PWM mode for low output ripple
(TPS92201)
• Power save mode for high efficiency in light load
(TPS92201A)
• 0.6-V to VIN output voltage range
• 100mV feedback regulation voltage
• 1% to 100% analog dimming with high accuracy
• 20-kHz to 200-kHz PWM input frequency
• Internal soft startup
• Full protection with over current, LED open/short,
FB resistor open/short
• Thermal shutdown protection
• Available in WSON-6 package
2 Applications
• Test and measurement
• Power delivery
• Building automation
– Smart home camera
– Video doorbell
– IP camera
– Smart doorlock
– Flashlight
3 Description
The TPS92201 is a high-efficiency 1.5-A synchronous
buck-type LED driver with 2.5-V to 5.5-V input range.
By integrating the high-side and low-side MOSFET,
high efficiency and compact solution size can be
achieved. The ultra-low 1-μA shutdown current helps
saving power in battery-powered applications.
Adaptive off-time with peak current control scheme is
adapted in the TPS92201. To get the smallest output
ripple, the device operates at typically 1.5-MHz pulse
width modulation (PWM) mode in full current range.
Adaptive off-time with peak current control scheme is
adapted in the TPS92201A. At medium to heavy load,
the device operates in pulse width modulation (PWM)
mode with 1.5-MHz switching frequency. At light
load, the device automatically enters pulse frequency
modulation (PFM) to maintain high efficiency over the
entire load current range.
The integrated switches have the capability to deliever
up to 1.5-A constant current. Analog dimming is
achieved by adjusting the duty cycle of the PWM input
with 1% to 100% range. 20kHz to 200kHz input PWM
frequency can be supported to avoid audible noise.
For safety and protection, the TPS92201 device
implement full protections, including LED open, LED
short, FB resistor open, FB resistor short and thermal
shutdown.
Device Information
(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS92201DRV
WSON (6)
2 mm × 2 mm
(3)
TPS92201ADRV
WSON (6)
TPS92201DRL
(2)
SOT563 (6)
1.6 mm × 1.6 mm
TPS92201ADRL
(2)
SOT563 (6)
(1)
For more information, see Section 11.
(2)
Preview information (not Production Data).
(3)
The package size (length x width) is a nominal value and
includes pins, where applicable.
PWM
VIN
FB
GND
SW
VOUT
VIN:
2.5V - 5.5V
EN
2.2 H
R
SENSE
10 F
4.7 F
PWM:
20kHz - 200kHz
Simplified Schematic
TPS92201, TPS92201A
SLVSH40 – NOVEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - TPS92201AMDRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92201AMDRVR TI-TPS92201AMDRVR Datasheet
3Mb / 30P
TPS92201 1.5A High Efficiency Synchronous Buck LED Driver
AUGUST 2024
More results

Similar Description - TPS92201AMDRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27221 TI-UCC27221 Datasheet
488Kb / 27P
HIGH EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UCC27223 TI-UCC27223 Datasheet
538Kb / 30P
HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER WITH ENABLE
logo
ON Semiconductor
NCV78713 ONSEMI-NCV78713 Datasheet
284Kb / 31P
High Efficiency Buck Single LED Driver
November, 2015 ??Rev. 1
logo
Texas Instruments
UCC27221 TI1-UCC27221_15 Datasheet
1Mb / 34P
HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UCC27223 TI1-UCC27223_15 Datasheet
1,016Kb / 36P
HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER WITH ENABLE
LM2651 TI1-LM2651_16 Datasheet
887Kb / 23P
1.5 A High-Efficiency Synchronous Switching Regulator
UC27221 TI1-UC27221 Datasheet
1Mb / 34P
HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
logo
ON Semiconductor
FAN53713 ONSEMI-FAN53713 Datasheet
437Kb / 12P
1.5 A Synchronous Buck Regulator
September, 2017 ??Rev. 0
FAN53763 ONSEMI-FAN53763 Datasheet
288Kb / 12P
1.5 A Synchronous Buck Regulator
October, 2017 ??Rev. 1
logo
Infineon Technologies A...
IRS25411S INFINEON-IRS25411S Datasheet
1Mb / 19P
Synchronous buck LED driver
Datasheet 2 0.0 2019-02-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com