Electronic Components Datasheet Search
  English  ▼

X  

TPS92201AMDRVR Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS92201AMDRVR
Description  TPS92201 1.5-A High Efficiency Synchronous Buck LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92201AMDRVR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS92201AMDRVR Datasheet HTML 11Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 12Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 13Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 14Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 15Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 16Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 17Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 18Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
VOUT
1V/div
Inductor Current
1A/div
SW
5V/div
VIN
5V/div
200us/div
VIN = 5 V
Iset = 1.5A
L = 2.2uH
Figure 8-8. VIN Control Start Up with Load
VOUT
1V/div
Inductor Current
1A/div
SW
5V/div
VIN
5V/div
100us/div
VIN = 5 V
Iset = 1.5A
L = 2.2uH
Figure 8-9. VIN Control Shutdown with Load
SW
2V/div
Inductor Current
500mA/div
Vout
20mV/div
AC
0.4us/div
Vin = 5V
IOUT = 0.5 A
Figure 8-10. PWM Operation
SW
2V/div
Inductor Current
500mA/div
Vout
100mV/div
AC
2us/div
Vin = 5V
IOUT = 0.1 A
Figure 8-11. Power Save Mode Operation
VOUT
500mV/div
AC
Inductor Current
500mA/div
VEN
2V/div
400us/div
IOUT = 1.5 A
L=2.2uH
Figure 8-12. EN Control Startup with Load
VOUT
200mV/div
AC
Inductor Current
500mA/div
VEN
2V/div
400us/div
IOUT = 0.1 A
L=2.2uH
Figure 8-13. EN Control Startup with Load
8.3 Power Supply Recommendations
The power supply to the TPS92201 must have a current rating according to the supply voltage, output voltage
and output current.
8.4 Layout
8.4.1 Layout Guidelines
The PCB layout is an important step to maintain the high performance of the TPS92201 device.
• The input/output capacitors and the inductor should be placed as close as possible to the IC. This keeps
the power traces short. Routing these power traces direct and wide results in low trace resistance and low
parasitic inductance.
• The low side of the input and output capacitors must be connected properly to the power GND to avoid a
GND potential shift.
• The sense traces connected to FB are signal traces. Special care should be taken to avoid noise being
induced. Keep these traces away from SW nodes.
www.ti.com
TPS92201, TPS92201A
SLVSH40 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TPS92201 TPS92201A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com