Electronic Components Datasheet Search
  English  ▼

X  

TPS92201AMDRVR Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS92201AMDRVR
Description  TPS92201 1.5-A High Efficiency Synchronous Buck LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92201AMDRVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS92201AMDRVR Datasheet HTML 6Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 7Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 8Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 9Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 10Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 11Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 12Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 13Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
7.3.7 Switch Current Limit
The switch current limit prevents the device from high inductor current and drawing excessive current from
battery or input voltage supply. Excessive current might occur with a heavy load or shorted output circuit
condition. The device adopts the peak current control by sensing the current of the high-side switch. Once the
high-side switch current limit is reached, the high-side switch is turned off and low-side switch is turned on to
discharge the inductor current with an adaptive off-time.
7.3.8 Fault Behaviors
The TPS92201 is protected by high-side current limitation in different fault conditions, such as LED open and
short, sense resistor open and short. No matter the fault happens before startup or during operation, the device
can stay safety.
Table 7-1. Fault protection conditions
Fault
Condition
Behavior
LED open
VFB is driven close to 0
VOUT keeps increasing to VIN. and The
high-side switch keeps turn on.
LED anode short to cathode
VFB is driven to VOUT quickly, then
VFB is driven to VOUT quickly, the device
keeps switching by minimum on-time.
LED anode short to GND
VFB is driven close to 0
high-side switch current limit triggered
FB resistor open
VFB is driven to VOUT - Vf
The device keeps switching by the minimum
on-time
FB short to GND
VFB is driven close to 0
VFB is driven close to 0. Current limit is
triggered.
7.3.9 Under Voltage Lockout
To avoid mis-operation of the device at low input voltages, under voltage lockout is implemented that shuts down
the device at voltages lower than VUVLO with VHYS_UVLO hysteresis.
7.3.10 Thermal Shutdown
The device enters thermal shutdown once the junction temperature exceeds the thermal shutdown rising
threshold, TJSD. Once the junction temperature falls below the falling threshold, the device returns to normal
operation automatically.
7.4 Device Functional Modes
7.4.1 Enabling/Disabling the Device
The device is enabled by setting the EN input to a logic High. Accordingly, a logic Low disables the device. If the
device is enabled, the internal power stage starts switching and regulates the output current to the set value. The
EN input must be terminated and should not be floating.
TPS92201, TPS92201A
SLVSH40 – NOVEMBER 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS92201 TPS92201A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com