Electronic Components Datasheet Search
  English  ▼

X  

AP3602A Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3602A
Description  100mA REGULATED CHARGE PUMP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3602A Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3602A Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
100mA REGULATED CHARGE PUMP
AP3602A/B
1
Apr. 2007 Rev. 1.2
BCD Semiconductor Manufacturing Limited
Data Sheet
General Description
The
AP3602A/B
are
regulated
step-up
DC/DC
converters based on charge pump technique. These ICs
have the ability to supply 100mA constant output
current or 250mA peak output current for 100ms from
3.0V to 5V input (2.7V to 4.5 V for AP3602B), so they
can be used as white LEDs driver or flash LED driver.
The AP3602A/B have very low power dissipation and
high efficiency in typical applications. Other features
include over-temperature protection, low temperature
coefficient and etc. to meet some special requirements
of hand-held battery powered devices.
Only 3 external capacitors are required in applications,
which helps to save space and lower cost. These chips
also have a disable terminal to turn on or turn off the
chip to ease the use.
The AP3602A/B are available in SOT-23-6 package.
Features
·
Low Quiescent Current: 13µA Typical
·
Regulated Output Voltage Precision: 4%
·
High Output Current:
100mA when VIN≥3.0V
50mA when VIN≥2.7V
·
High Frequency: up to 1.2 MHz
·
Low Shutdown Supply Current: <1µA
·
High Output Peak Current: 250mA for 100ms
·
Over Temperature Protection
·
Operating Temperature Range: -40oC to 85oC
Applications
·
Mobile Phone Backlight Driver
·
Camera Flash LED Driver
·
MP3, MP4
·
Handheld Device
·
Portable Communication Device
Figure 1. Package Type of AP3602A/B
SOT-23-6


Similar Part No. - AP3602A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
AP3602AKTR-G1 DIODES-AP3602AKTR-G1 Datasheet
471Kb / 11P
100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
More results

Similar Description - AP3602A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
MicroPower??Regulated Charge Pump
logo
ON Semiconductor
NIS6201 ONSEMI-NIS6201 Datasheet
44Kb / 4P
Floating, Regulated Charge Pump
May, 2004 ??Rev. P2
logo
Linear Technology
LTC1983-3 LINER-LTC1983-3 Datasheet
185Kb / 12P
100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
MicroPower??Regulated Charge Pump
3111.2006.06.1.3
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
100mA Regulated Charge Pump
logo
YOBON TECHNOLOGIES,INC.
YB1300 YOBON-YB1300 Datasheet
223Kb / 8P
Regulated Charge Pump 5V 100mA
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
MicroPower Regulated Charge Pump
logo
Linear Technology
LTC1983-3 LINER-LTC1983-3_15 Datasheet
170Kb / 12P
100mA Regulated Charge-Pump Inverters in ThinSOT
LTC1983-5 LINER-LTC1983-5_15 Datasheet
170Kb / 12P
100mA Regulated Charge-Pump Inverters in ThinSOT
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com