Electronic Components Datasheet Search
  English  ▼

X  

AP3602A Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP3602A
Description  100mA REGULATED CHARGE PUMP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3602A Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP3602A Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
100mA REGULATED CHARGE PUMP
AP3602A/B
3
Apr. 2007 Rev. 1.2
BCD Semiconductor Manufacturing Limited
Data Sheet
SHDN
VIN
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Ordering Information
Package
Temperature Range
Part Number
Marking ID
Packing Type
SOT-23-6
-40 to 85oC
AP3602AKTR-E1
E7T
Tape & Reel
AP3602BKTR-E1
E8T
Tape & Reel
Circuit Type
Package
E1: Lead Free
AP3602
TR: Tape and Reel
K: SOT-23-6
-
Output Voltage
B: 4.5V
Functional Block Diagram
GND
C+
Figure 3. Functional Block Diagram of AP3602A/B
C-
VOUT
A: 5V
3
5
4
2
1
1.25V
OSC
6
S3
S4
S1
S2
COMP
EN
R1
R2
CONTROL
+ -
OTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com