Electronic Components Datasheet Search
  English  ▼

X  

AP3602A Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP3602A
Description  100mA REGULATED CHARGE PUMP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3602A Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3602A Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP3602A Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
100mA REGULATED CHARGE PUMP
AP3602A/B
11
Apr. 2007 Rev. 1.2
BCD Semiconductor Manufacturing Limited
Data Sheet
Typical Performance Characteristics (Continued)
Typical Performance Characteristics for AP3602B
(Unless otherwise noted, V
IN=3.0V, CIN=COUT=10µF, CFLY=1µF Ceramic Cap, TA=25
oC)
Figure 15. Output Voltage vs. Output Current
Figure 16. Efficiency vs. Input Voltage
Figure 17. Efficiency vs. Output Current
Figure 18. Load Transient Response
0
25
50
75
100
125
150
3.6
3.8
4.0
4.2
4.4
4.6
Output Current (mA)
AP3602-4.5V, V
IN
=3.0V
AP3602-4.5V, V
IN
=2.7V
0.1
1
10
100
60.0
62.5
65.0
67.5
70.0
72.5
75.0
77.5
80.0
82.5
85.0
Output Current (mA)
AP3602-4.5V, V
IN
=2.7V
AP3602-4.5V, V
IN
=3.0V
2.53.0
3.54.0
4.5
40
50
60
70
80
90
Input Voltage (V)
AP3602-4.5V, I
OUT
=25mA
AP3602-4.5V, I
OUT
=50mA
AP3602-4.5V, I
OUT
=100mA
I
OUT 0mA to 50mA
Time 200
µS/div
I
OUT 0mA to 50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com