Electronic Components Datasheet Search
  English  ▼

X  

FM1236/HM Datasheet(PDF) 5 Page - NXP Semiconductors

Part # FM1236/HM
Description  Desktop video & FM radio module system M, N
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FM1236/HM Datasheet(HTML) 5 Page - NXP Semiconductors

  FM1236/HM Datasheet HTML 1Page - NXP Semiconductors FM1236/HM Datasheet HTML 2Page - NXP Semiconductors FM1236/HM Datasheet HTML 3Page - NXP Semiconductors FM1236/HM Datasheet HTML 4Page - NXP Semiconductors FM1236/HM Datasheet HTML 5Page - NXP Semiconductors FM1236/HM Datasheet HTML 6Page - NXP Semiconductors FM1236/HM Datasheet HTML 7Page - NXP Semiconductors FM1236/HM Datasheet HTML 8Page - NXP Semiconductors FM1236/HM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1997 Feb 03
5
Philips Components
Preliminary specification
Desktop video & FM radio module
system M, N
FM1236
LIMITING VALUES
Limiting values under operational conditions
The tuner can be guaranteed to function properly under the following conditions.
Notes
1. Sinusoidal ripple voltage superimposed on the 5 V supply voltage in the frequency range of 20 Hz to 500 kHz.
Criteria for TV interference >57 dB.
2. For detailed information about the address decoding, refer to Chapter “Application information”.
SYMBOL
PARAMETER
PIN
MIN.
TYP.
MAX.
UNIT
VS
supply voltage
12
4.75
5.00
5.25
V
VS(ripple)
peak-to-peak ripple voltage susceptibility
(at5V
±5%); note 1:
20 Hz to 100 kHz
−−
5mV
>100 kHz to 500 kHz
−−
10
mV
IS(tuner)
supply current
−−
120
mA
VSCL
SCL bus input voltage
13
−0.3
−
+5.25
V
VSDA
SDA bus input voltage
14
−0.3
−
+5.25
V
ISDA
SDA bus current (open collector)
−1
−
+5
mA
VAS
address select voltage; note 2
15
−−
+5.25
V
VAFright(FM)
FM right channel DC voltage
20
−
1.0
−
V
ZAFright(FM)
FM right channel load impedance parallel
connected:
resistive value
−
40
−
k
Ω
capacitive value
−
9
−
pF
VAFleft(FM)
FM left channel DC voltage
21
−
1.0
−
V
ZAFleft(FM)
FM left channel load impedance:
resistive value
−
40
−
k
Ω
capacitive value
−
9
−
pF
ZIF
2nd IF sound output load impedance
22
0.5
−−
k
Ω
ZCVBS
Composite Video Baseband Signal load
impedance
23
−
75
−Ω
tL
CVBS load time constant
−−
100
ns
VS(IF)
IF supply voltage
24
4.75
5.0
5.25
V
IS(IF)
IF supply current
−−
150
mA
ZAF
AF sound output load impedance parallel
connected:
25
resistive value
5.0
−−
k
Ω
capacitive value
−−
4nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com