Electronic Components Datasheet Search
  English  ▼

X  

FM1236/HM Datasheet(PDF) 10 Page - NXP Semiconductors

Part # FM1236/HM
Description  Desktop video & FM radio module system M, N
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FM1236/HM Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button FM1236/HM Datasheet HTML 6Page - NXP Semiconductors FM1236/HM Datasheet HTML 7Page - NXP Semiconductors FM1236/HM Datasheet HTML 8Page - NXP Semiconductors FM1236/HM Datasheet HTML 9Page - NXP Semiconductors FM1236/HM Datasheet HTML 10Page - NXP Semiconductors FM1236/HM Datasheet HTML 11Page - NXP Semiconductors FM1236/HM Datasheet HTML 12Page - NXP Semiconductors FM1236/HM Datasheet HTML 13Page - NXP Semiconductors FM1236/HM Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1997 Feb 03
10
Philips Components
Preliminary specification
Desktop video & FM radio module
system M, N
FM1236
General characteristics
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
fb
frequency range:
FM band
76.00
−
108.00
MHz
low band
55.25
−
157.25
MHz
mid band
163.25
−
451.25
MHz
high band
457.25
−
801.25
MHz
∆fb
margin:
for FM band
3
−−
MHz
for low band
1.5
−−
MHz
for mid/high band
3
−−
MHz
α
i
image rejection (nominal gain to
10 dB gain reduction):
low band (channel 2 to 6)
60
−−
dB
mid band (channel 7 to 13)
60
−−
dB
high band (channel 14 to 69)
45
−−
dB
α
IF
IF rejection (picture)
60
−−
dB
ZIF
1
⁄
2 IF susceptibility:
E2 to E13
75
−−
dB
µV
E14 to E69
60
−−
dB
µV
mx
cross modulation:
in-channel
65
−−
dB
µV
in-band
low band (n
±2)
78
−−
dB
µV
mid band (n
±3)
78
−−
dB
µV
high band (n
±5)
84
−−
dB
µV
out of band
−
100
−
dB
µV
breakthrough susceptibility:
channel 2 to 69
60
−−
dB
µV
Vosc
oscillator voltage at all pins
−−
70
dB
µV
tli
oscillators lock-in time
charge pump set logic HIGH
−−
150
ms
α
vs
the video signal-to-sound
interference ratio with the tuner
exposed to sound signals in the
audio frequency range
100 Hz to 10 kHz and sound
pressure levels up to 105 dB
(20
µPa)
40
−−
dB
audio S/N ratio
40
−−
dB
VESD
electrostatic discharge (ESD)
on all pins
note 1
2
−−
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com