Electronic Components Datasheet Search
  English  ▼

X  

FM1236/HM Datasheet(PDF) 8 Page - NXP Semiconductors

Part # FM1236/HM
Description  Desktop video & FM radio module system M, N
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FM1236/HM Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button FM1236/HM Datasheet HTML 4Page - NXP Semiconductors FM1236/HM Datasheet HTML 5Page - NXP Semiconductors FM1236/HM Datasheet HTML 6Page - NXP Semiconductors FM1236/HM Datasheet HTML 7Page - NXP Semiconductors FM1236/HM Datasheet HTML 8Page - NXP Semiconductors FM1236/HM Datasheet HTML 9Page - NXP Semiconductors FM1236/HM Datasheet HTML 10Page - NXP Semiconductors FM1236/HM Datasheet HTML 11Page - NXP Semiconductors FM1236/HM Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1997 Feb 03
8
Philips Components
Preliminary specification
Desktop video & FM radio module
system M, N
FM1236
handbook, full pagewidth
IF
PROBE
OUT
IF
output
12 13 14 15
TP2
TP3
21
20
10
9
22 23 24 25
aerial
connector
VT
VS
SCL
SDA
BU2
15
nF
33
µF
1
nF
10
nF
BU6
BU2
BU4
BU5
BU8
BU7
+5 V
DA
DA
SA
TEST JIG
(1)
(2)
video
out
P
5
k
Ω
3
k
Ω
CCA506
11
5
63
8
4
1
7
2
220
nF
22
Ω
220
k
Ω
47
µF
1
µF
47
k
Ω
47
k
Ω
47
µF
47
µF
39
k
Ω
+
+
−
220
nF
39
k
Ω
22
Ω
22
Ω
240
k
Ω
240
k
Ω
+
+
−
5 V
220
k
Ω
1/
2 TDA1308
1/
2 TDA1308
S1
15 kHz
LOW-PASS
FILTER
++
Fig.2 Typical test set up.
(1) BU4 loaded with 75
Ω.
(2) 75
µs de-emphasis.
SA = Spectrum Analyzer.
P = FET probe.
DA = Distortion Analyzer.
VAC = dual channel AC voltmeter (Zi = 600 Ω)
The minimum load impedance required at the CVBS output (pin 23) is 75
Ω (both AC and DC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com