Electronic Components Datasheet Search
  English  ▼

X  

OS0 Datasheet(PDF) 4 Page - Ouster Inc.

Part # OS0
Description  Ultra-Wide View High-Resolution Imaging Lidar
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OUSTER [Ouster Inc.]
Direct Link  https://ouster.com/
Logo OUSTER - Ouster Inc.

OS0 Datasheet(HTML) 4 Page - Ouster Inc.

  OS0 Datasheet HTML 1Page - Ouster Inc. OS0 Datasheet HTML 2Page - Ouster Inc. OS0 Datasheet HTML 3Page - Ouster Inc. OS0 Datasheet HTML 4Page - Ouster Inc. OS0 Datasheet HTML 5Page - Ouster Inc. OS0 Datasheet HTML 6Page - Ouster Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Operating Voltage
Dimensions
Diameter: 87 mm (3.42 in)
Height:
• Without cap: 58.35 mm (2.3 in)
• With thermal cap: 74.2 mm (2.9 in)
Weight
Without cap: 430 g (15.1 oz)
With radial cap: 500 g (17.6 oz)
With halo cap: 445 g (15.6 oz)
Mounting
Bottom: 4x M3 screws, 2x locating 2 mm pin holes
Top: 4x M3 screws, 4x locating 2 mm pin holes, 1x M6 screw
Storage Temperature
-40 °C to +105 °C
Ingress Protection
IP68 (1m submersion for 1 hour, with I/O cable attached)
IP69K (with I/O cable attached)
Shock
IEC 60068-2-27 (Amplitude: 100 g, Shape: 11 ms half-sine, 3 shocks x 6
directions)
Vibration
IEC 60068-2-64 (Amplitude: 3 G-rms, Shape: 10 - 1000 Hz, Mounting: sprung
masses, 3 axes w/ 8 hr duration each)
Compliance
Ouster UK (Ltd): 125 Princes
Street, Edinburgh EH2 4AD,
Scotland, United Kingdom
Contact: Neil Calder, Phone
Number: +44(0).131.563.9078
For US
Laser Safety:
• IEC/EN 60825-1:2014 Class 1 eye safe
• FDA US 21CFR1040 Notice 56 Class 1
Product Safety:
• UL 62368-1
• CSA 22.2 No. 62368-1-19
EMC: FCC 47CFR Part 15, Subpart B, Class A
For EU
Laser Safety: IEC/EN 60825-1:2014 Class 1 eye safe
Product Safety: EN/IEC 62368-1
EMC:
• EN 55032:2012/AC 2013; CISPR 32:2015
• EN 55024:2010; CISPR 24:2010
• EN 61000-3-2:2014
• EN 61000-3-3:2013
• Suitable for 12VDC and 24VDC Nominal systems.
•
suitable for 48V nominal battery based systems.
• Under voltage conditions/alarms occur at 9.5VDC at connector.
• Over voltage conditions/alarms occur at 51VDC at connector.
• Overvoltage lockout onset at 58VDC (±1V) at connector.
• Overvoltage lockout release: 55VDC (±1V) at connector.
Operating Temperature
-40 °C to +60 °C (with mount)
Between +53 °C and +60 °C, sensor automatically reduces range (max 20%
range reduction)
Not
OPERATIONAL
Note:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com