Electronic Components Datasheet Search
  English  ▼

X  

OS0 Datasheet(PDF) 1 Page - Ouster Inc.

Part # OS0
Description  Ultra-Wide View High-Resolution Imaging Lidar
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OUSTER [Ouster Inc.]
Direct Link  https://ouster.com/
Logo OUSTER - Ouster Inc.

OS0 Datasheet(HTML) 1 Page - Ouster Inc.

  OS0 Datasheet HTML 1Page - Ouster Inc. OS0 Datasheet HTML 2Page - Ouster Inc. OS0 Datasheet HTML 3Page - Ouster Inc. OS0 Datasheet HTML 4Page - Ouster Inc. OS0 Datasheet HTML 5Page - Ouster Inc. OS0 Datasheet HTML 6Page - Ouster Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FIRMWARE VERSION: 3.x
HARDWARE VERSION: REV7
SUMMARY
HIGHLIGHTS
OPTICAL PERFORMANCE
Ouster, Inc.
The short range OS0 delivers 35 m range on a dark 10%
target and an ultra-wide 90º vertical field-of-view delivering
an industry-leading combination of price, performance,
reliability, size, weight, and power. The OS0 is designed for
all-weather environments and due to its small size, can be
easily integrated into autonomous vehicles, heavy
machinery, robots, drones, and mapping solutions.
Range
(80% Lambertian reflectivity,
1024 @ 10 Hz mode)
75 m @ 100 klx sunlight, >90% detection probability
Range
(10% Lambertian reflectivity,
1024 @ 10 Hz mode)
35 m @ 100 klx sunlight, >90% detection probability
Minimum Range
0.5 m (to be reduced in FW 3.1)
Vertical Resolution
32, 64, or 128 channels
Horizontal Resolution
512, 1024, or 2048 (configurable)
Rotation Rate
10 or 20 Hz (configurable)
Field of View
Vertical: 90° (+45° to -45°)
Horizontal: 360°
Angular Sampling Accuracy
Vertical: ±0.01° / Horizontal: ±0.01°
False Positive Rate
1/10,000
Range Resolution
# of Returns
2 (strongest, second strongest)
350 Treat Ave.
San Francisco, CA 94110
OS0
Ultra-Wide View High-Resolution Imaging Lidar
• 100% increase in range with the new L3 Chip
• Dual Return mode
• Calibrated reflectivity
• Fixed resolution per frame
• Camera-grade near-infrared and signal data
• Multi-sensor crosstalk suppression
• Open source ROS and C++ drivers
• Ouster SDK for software development
0.1 cm
: For
the Range Resolution = 0.8cm
Note
Low Data Rate Profile


Similar Part No. - OS0

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
OS001 KNIGHTSBRIDGE-OS001 Datasheet
193Kb / 1P
IP55 200° PIR Sensor
22/04/2024
OS0014 KNIGHTSBRIDGE-OS0014 Datasheet
233Kb / 1P
IP44 180° Mini PIR Sensor - White
22/04/2024
OS0014B KNIGHTSBRIDGE-OS0014B Datasheet
293Kb / 1P
IP44 180° Mini PIR Sensor - Black
22/04/2024
OS0016 KNIGHTSBRIDGE-OS0016 Datasheet
91Kb / 1P
IP20 Wide Range 360° PIR Sensor - Recess Mounting
22/04/2024
OS0019 KNIGHTSBRIDGE-OS0019 Datasheet
137Kb / 1P
IP20 Mini 360° PIR Sensor with Power Module
22/04/2024
More results

Similar Description - OS0

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1709P SONY-CXA1709P Datasheet
154Kb / 9P
PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
logo
Hitachi Semiconductor
CML174SXW HITACHI-CML174SXW Datasheet
113Kb / 2P
High Resolution
logo
AVAGO TECHNOLOGIES LIMI...
AEDA-3200-TXX AVAGO-AEDA-3200-TXX Datasheet
233Kb / 7P
Ultra Miniature, High Resolution Incremental
logo
Hamamatsu Corporation
C9730DK-10 HAMAMATSU-C9730DK-10 Datasheet
92Kb / 4P
Large area soft X-ray imaging, high resolution
C9732DK HAMAMATSU-C9732DK Datasheet
96Kb / 4P
Flat panel sensor Large area/soft X-ray imaging, high resolution
logo
P-tec Corporation
PT482743I-TLMWD-EM09 P-TEC-PT482743I-TLMWD-EM09 Datasheet
1Mb / 29P
4.3 TFT LCD, Medium Bright, Ultra Wide View Polarizer
logo
OmniVision Technologies...
OV10823 OMNIVISION-OV10823 Datasheet
8Mb / 2P
Ultra-High Resolution CameraChip??Sensor
logo
Pepperl+Fuchs Inc.
OBD60M-R2000-1L-Y70132754 PF-OBD60M-R2000-1L-Y70132754 Datasheet
1Mb / 5P
2-D LiDAR Sensor
OBD10M-R2000-4EP-V1V17 PF-OBD10M-R2000-4EP-V1V17 Datasheet
1Mb / 5P
2-D LiDAR Sensor
logo
SICK AG
TIM781-2174101 SICK-TIM781-2174101 Datasheet
597Kb / 9P
2D LIDAR SENSORS
2023-06-28
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com