Electronic Components Datasheet Search
  English  ▼

X  

OS0 Datasheet(PDF) 5 Page - Ouster Inc.

Part # OS0
Description  Ultra-Wide View High-Resolution Imaging Lidar
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OUSTER [Ouster Inc.]
Direct Link  https://ouster.com/
Logo OUSTER - Ouster Inc.

OS0 Datasheet(HTML) 5 Page - Ouster Inc.

  OS0 Datasheet HTML 1Page - Ouster Inc. OS0 Datasheet HTML 2Page - Ouster Inc. OS0 Datasheet HTML 3Page - Ouster Inc. OS0 Datasheet HTML 4Page - Ouster Inc. OS0 Datasheet HTML 5Page - Ouster Inc. OS0 Datasheet HTML 6Page - Ouster Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ACCESSORIES
SOFTWARE
EXTERIOR DIMENSIONS
Interface Box
Polycarb/FR4, 100 g, 75 mm x 50 mm x 25 mm (LxWxH), 2 m CAT6 cable,
24 V power adapter, 5 m sensor cable
Mount
Aluminum, 530 g, 110 mm x 110 mm x 20.5 mm (LxWxH), 4 x M8 thru holes
Sample Drivers
Ouster SDK, ROS, C++



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com